Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

222MWR630K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 222MWR630K
Description  Metallized Polyester Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

222MWR630K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  222MWR630K Datasheet HTML 1Page - Illinois Capacitor, Inc. 222MWR630K Datasheet HTML 2Page - Illinois Capacitor, Inc. 222MWR630K Datasheet HTML 3Page - Illinois Capacitor, Inc. 222MWR630K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
154
®
PART
NUMBER
WVDC
Capacitance
(µF)
0.001
630
102MWR630K
60
5.5x11.5
0.001
1500
102MWR152KB
90
5.5x14.5
0.0015
630
152MWR630K
60
5.5x11.5
0.0015
1500
152MWR152KB
90
5.5x14.5
0.0022
630
222MWR630K
60
5.5x11.5
0.0022
1500
222MWR152KB
90
6x14.5
0.0033
630
332MWR630K
60
5.5x11.5
0.0033
1500
332MWR152KB
90
6.5x14.5
0.0039
630
392MWR630K
60
5.5x11.5
0.0047
630
472MWR630K
60
5.5x11.5
0.0047
1500
472MWR152KB
90
7x14.5
0.0068
630
682MWR630K
60
5.5x11.5
0.0068
1500
682MWR152KB
90
8x14.5
0.01
400
103MWR400K
14
5x11.5
0.01
630
103MWR630K
20
6x14
0.01
1000
103MWR102K
80
7x14.5
0.01
1500
103MWR152KB
90
8.5x14.5
0.015
400
153MWR400K
14
5.5x14.5
0.015
630
153MWR630K
20
6.5x14.5
0.015
1000
153MWR102K
80
8x14.5
0.015
1500
153MWR152KD
50
8.5x20.5
0.022
250
223MWR250K
10
5.5x11.5
0.022
400
223MWR400K
14
5.5x14
0.022
630
223MWR630K
20
8x14
0.022
1000
223MWR102K
40
9.5x20.5
0.022
1500
223MWR152KD
50
9.5x20.5
0.033
250
333MWR250K
10
6x11.5
0.033
400
333MWR400K
14
6x14
0.033
630
333MWR630K
15
7.5x20.5
0.033
1000
333MWR102K
40
10.5x20.5
0.033
1500
333MWR152KD
50
11x20.5
0.039
250
393MWR250K
10
6x11.5
0.039
400
393MWR400K
14
7x15.5
0.039
630
393MWR630K
15
8x20.5
0.047
250
473MWR250K
10
5.5x14
0.047
400
473MWR400K
14
7x14
0.047
630
473MWR630K
15
7.5x19
0.047
1000
473MWR102K
33
11x29
0.047
1500
473MWR152KG
40
11x29
0.068
100
683MWR100K
6
5.5x11.5
0.068
250
683MWR250K
10
6.5x14.5
0.068
400
683MWR400K
10
7.5x20.5
dv/dt
(v/µ sec.)
Dimension
D X L
(mm)
MWR
STANDARD PART LISTING
Metallized Polyester
Film Capacitors
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µ sec.)
Dimension
D X L
(mm)
0.068
630
683MWR630K
15
9x20.5
0.068
1000
683MWR102K
33
12.5x29
0.068
1500
683MWR152KG
40
12.5x29
0.1
100
104MWR100K
6
6x11.5
0.1
250
104MWR250K
10
6x14
0.1
400
104MWR400K
10
7.5x19
0.1
630
104MWR630K
10
9x27
0.1
1000
104MWR102K
33
12x29
0.1
1500
104MWR152KJ
25
13x34
0.15
63
154MWR063K
11
5.5x14
0.15
100
154MWR100K
6
6x14
0.15
250
154MWR250K
10
7x14
0.15
400
154MWR400K
10
8.5x19
0.15
630
154MWR630K
10
10.5x29
0.15
1000
154MWR102K
20
13x34
0.15
1500
154MWR152KJ
25
15x34
0.22
50
224MWR050K
9
6x11.5
0.22
100
224MWR100K
6
6.5x14
0.22
250
224MWR250K
7
7x19
0.22
400
224MWR400K
7
8.5x27
0.22
630
224MWR630K
10
12.5x27
0.22
1000
224MWR102K
20
14.5x34
0.22
1500
224MWR152KJ
25
17.5x34
0.33
50
334MWR050K
9
6x11.5
0.33
100
334MWR100K
6
7.5x14
0.33
250
334MWR250K
7
8x19
0.33
400
334MWR400K
7
10x27
0.33
630
334MWR630K
6
13.5x34
0.33
1000
334MWR102K
20
17x34
0.33
1500
334MWR152KJ
25
20.5x34
0.47
50
474MWR050K
9
6x11.5
0.47
100
474MWR100K
6
7x15.5
0.47
250
474MWR250K
7
9.5x19
0.47
400
474MWR400K
7
12.5x27
0.47
630
474MWR630K
6
15.5x34
0.47
1000
474MWR102K
20
19.5x34
0.47
1500
474MWR152KJ
25
24x34
0.68
50
684MWR050K
9
6x11.5
0.68
63
684MWR063K
7
6.5x19
0.68
100
684MWR100K
3
8x19
0.68
250
684MWR250K
4
9.5x27
0.68
400
684MWR400K
4
12.5x34


Similar Part No. - 222MWR630K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
222MWR630K ILLINOISCAPACITOR-222MWR630K Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
222MWR630K ILLINOISCAPACITOR-222MWR630K Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
More results

Similar Description - 222MWR630K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com