Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UYF13D Datasheet(PDF) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # UYF13D
Description  High Saturation Magnetic Flux Density
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UYF13D Datasheet(HTML) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UYF13D Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UYF13D Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AL :1kHz,0.5mA,100Ts
UYF14E
39.0±0.6
33.5±0.3
14.0 +0.1
-0.4
13.5
10.4±0.4
22.5±0.3
UYF14F
38.5±0.5
34.3±0.3
14.0±0.3
13.8
10.4±0.4
23.4±0.2
UYF14G
38.5±0.5
33.3±0.3
14.0±0.3
13.5
10.5±0.3
22.5±0.3
UYF14.5
43max
34.5±0.3
14.5±0.3
15.8
12.0±0.4
22.5±0.3
UYF14.7
42.0±0.7
34.2±0.3
14.7±0.4
14.5
12.0±0.4
22.5±0.3
UYF15A
42.3±0.5
35.3±0.3
15.0±0.3
15.0
11.8±0.4
23.3±0.3
UYF15B
42.2±0.6
36.7±0.3
15.0±0.3
15.0
11.8±0.4
24.7±0.3
UYF15C
42.0±0.6
37.5±0.3
15.0±0.3
14.2
11.8±0.4
25.5±0.3
UYF15D
42.0±0.5
34.2±0.2
15.0±0.3
14.5
11.8±0.4
22.3±0.2
UYF15E
41.8±0.6
35.9+0.3
-0.1
15.0±0.3
14.8
11.8±0.4
24.2±0.3
UYF15F
46.0±0.8
27.5±0.3
15.0±0.3
18.4
12.0±0.3
15.5±0.3
UYF16A
48.0±0.5
39.8±0.3
16.0±0.3
18.0
13.2±0.4
26.5±0.3
UYF16B
43.0±0.6
38.9±0.3
16.0+0.2
-0.4
14.6
11.9±0.4
26.0±0.3
UYF16C
41.9±0.6
37.2±0.3
16.0±0.3
13.8
12.0±0.4
25.2±0.2
UYF17A
46.5±0.8
39.8±0.3
17.0+0.1
-0.4
16.0
13.2±0.4
26.5
UYF17B
46.0±0.6
38.5±0.3
16.7±0.3
16.0
13.2±0.4
25.5±0.3
UYF17C
46.0±0.5
37.5±0.3
16.5±0.3
15.2
13.2±0.4
24.5±0.3
UYF18A
48.4±0.6
39.8±0.3
18.0±0.3
15.5
14.5±0.4
25.0±0.3
UYF18B
48max
39.0±0.3
17.5±0.3
15.8
13.9±0.4
25.0±0.3
UYF18C
47.7±0.3
39.0±0.3
17.5±0.3
15.8
14.0±0.4
25.5±0.3
Type
Core parameter
weight (g/pr. )
C1 (mm
-1)Ae (mm2)
Ie (mm)
Ve (mm
3)
UYF9.8
1.5
74
111.6
8241
44
UYF10
1.85
75.9
136.8
10388.3
52
UYF11.5A
1.3
103.9
131.9
13700
73
UYF11.5B
1.3
103.9
133.9
13700
73
UYF11.5C
1.5
102.9
151.7
15606.5
80
UYF12
1.6
104.6
162.6
17013.7
84
UYF13A
1.1
125.0
139.4
17355.4
89
UYF13B
1.17
132.8
151.4
20109
95
UYF13C
1.2
115.7
135.9
15721.9
78
UYF13D
1.26
117.7
148.1
24635
84
UYF14A
1.05
153.3
160.7
24634.9
115
UYF14B
0.96
163.5
156.5
25587
132
UYF14C
1.14
145.7
162.1
23617.5
120
UYF14D
1.14
144.9
158.8
23005.1
117
UYF14E
1.12
137.2
153
20992
121
UYF14F
1.14
144.9
156.8
22715.9
112
UYF14G
1.04
144.9
151.2
21924.0
116
UYF14.5
0.99
163
161.7
26357
137
UYF14.7
0.975
163
159.0
25917
134
UYF15A
0.95
171
163.1
27890
143
UYF15B
0.98
171
168.5
28813
145
UYF15C
1.0
171
171.3
29292
145
UYF15D
0.93
171
158.2
27052
139
UYF15E
0.97
170
165.2
28084
144
UYF15F
0.82
170
139.1
23647
152
UYF16A
0.76
201
176.1
35396
192
UYF16B
0.91
190
173
32870
160
UYF16C
0.87
189.8
166.0
31506.8
165
UYF17A
0.84
215
182.3
39195
191
UYF17B
0.87
202.9
177.2
35953.9
188
UYF17C
0.87
199.6
173.5
34630.6
185
UYF18A
0.7
255.2
179.8
45872.3
210
UYF18B
0.8
237.6
179.0
42537.0
220
UYF18C
0.8
235.4
179.5
42249.1
206
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : yingli@magnets.com.cn yuxiang@sohu.net


Similar Description - UYF13D

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
LXS8-PW27 LUMILEDS-LXS8-PW27 Datasheet
1Mb / 16P
   High flux density with compact light
logo
Ferroxcube Internationa...
3E65 FERROXCUBE-3E65 Datasheet
664Kb / 8P
   Medium permeability High Curie Temperature High Saturation Flux Superior EMI ferrite material
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
   12 Bit Digital Output Magnetic Flux Sensor
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
   Proximity Magnetic Sensors Flux Sensors FLM Series
logo
Coilcraft lnc.
MSS1246T-102ML COILCRAFT-MSS1246T-102ML Datasheet
221Kb / 2P
   Designed for high ambient temperatures Magnetic shielding allows high density mounting
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Marktech Corporate
MTHF1100-WR MARKTECH-MTHF1100-WR Datasheet
155Kb / 3P
   High Flux LEDs
logo
Everlight Electronics C...
EAPL3527BA6 EVERLIGHT-EAPL3527BA6 Datasheet
454Kb / 11P
   High flux output.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com