Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

103MSR400K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 103MSR400K
Description  Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

103MSR400K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  103MSR400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 103MSR400K Datasheet HTML 2Page - Illinois Capacitor, Inc. 103MSR400K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
159
®
MSR
Epoxy Dipped Radial Lead
Metallized Polyester Film
Capacitors
Bypass
Coupling
Filtering
Blocking
Polyester
Operating Temperature Range
Capacitance Tolerance
-55°C to +125°C
±10% at 1kHz, 20°C
Damp Heat Test
Load Life Test
Insulation Resistance
@20°C(<70% RH) for
1 minute at 100VDC
Rated Voltage
VDC
VAC
100
250
400
630
1000
63
150
200
220
250
Dissipation Factor
(max) at 20°C
WVDC
Capacitance
Insulation Resistance
≤100
≤0.33 µF
15,000 M
≥100
>0.33 µF
30,000 M
≤100
≤0.33 µF
5000 M
Ω x µF
>100
>0.33 µF
10,000 M
Ω x µF
2,000 hours at 125% of rated VDC and at 85°C
Capacitance Change
Dissipation Factor
Insulation
Resistance
≤5% change from initial value.
≤0.005 at 1kHz and 25°C
≥50%of mimimum specification
1000 hours at +40°C±2°C with 93% ±2%relative humidity
Capacitance Change
Dissipation Factor
Insulation Resistance
≤5% change from initial value.
≤0.005 at 1kHz and 25°C
≥50%of minimum specification
Self-inductance
≤1 nH/mm along the capacitor pitch and lead wire length.
Capacitance Drift Factor
Temperature
Coefficient
≤1.0% up to 40°C after 2 years
+400 ppm/°C, ± 200ppm/°C
Dielectric
Electrodes
Leads
Vacuum deposited metal layers
Extended metallized carrier film
Tinned copper wire
Coating
Flame retardant epoxy sealed resin
(UL 94V-O)
For T> +85°C the applied voltage must be decreased by 1.25% per °C
Freq. (kHz)
1
1.0%
1.5%
10
Construction


Similar Part No. - 103MSR400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results

Similar Description - 103MSR400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MMR250K ILLINOISCAPACITOR-103MMR250K Datasheet
378Kb / 2P
   Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
102UMR100K ILLINOISCAPACITOR-102UMR100K Datasheet
441Kb / 4P
   Epoxy-Dipped Radial Lead Inductive Film/Foil Capacitors
logo
Vishay Siliconix
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
MKT369 VISHAY-MKT369 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com