Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA4411 Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TPA4411
Description  80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPA4411 Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPA4411 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPA4411 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
0.001
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 32 Ω,
fIN = 20 Hz
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 32 Ω,
fIN = 1 kHz
0.001
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
PO − Output Power − mW
Single Channel
VDD = 3.6 V,
RL = 32 Ω,
fIN = 10 kHz
0.001
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
PO − Output Power − mW
Single Channel
VDD = 4.5 V,
RL = 16 Ω,
fIN = 20 Hz
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
PO − Output Power − mW
Single Channel
VDD = 4.5 V,
RL = 16 Ω,
fIN = 1 k Hz
0.01
0.1
1
10
100
1
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
10
VDD = 4.5 V,
RL = 16 Ω,
fIN = 10 k Hz
0.001
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
PO − Output Power − mW
Single Channel
VDD = 4.5 V,
RL = 32 Ω,
fIN = 20 Hz
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
PO − Output Power − mW
Single Channel
VDD = 4.5 V,
RL = 32 Ω,
fIN = 1 kHz
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
PO − Output Power − mW
Single Channel
VDD = 4.5 V,
RL = 32 Ω,
fIN = 10 kHz
TPA4411
TPA4411M
SLOS430E – AUGUST 2004 – REVISED MARCH 2008
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 16.
Figure 17.
Figure 18.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 19.
Figure 20.
Figure 21.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 22.
Figure 23.
Figure 24.
Copyright © 2004–2008, Texas Instruments Incorporated
9
Product Folder Link(s): TPA4411 TPA4411M


Similar Part No. - TPA4411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA4411 TI-TPA4411 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411M TI-TPA4411M Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJ TI-TPA4411MRTJ Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411MRTJR TI-TPA4411MRTJR Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
More results

Similar Description - TPA4411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com