Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC259 Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # SN54HC259
Description  8-BIT ADDRESSABLE LATCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

SN54HC259 Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  SN54HC259 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54HC259, SN74HC259
8BIT ADDRESSABLE LATCHES
SCLS134E − DECEMBER 1982 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC259
SN74HC259
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC259
SN74HC259
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
80
120
100
CLR low
4.5 V
16
24
20
tw
Pulse duration
CLR low
6 V
14
20
17
ns
tw
Pulse duration
2 V
80
120
100
ns
G low
4.5 V
16
24
20
G low
6 V
14
20
17
2 V
75
115
95
tsu
Setup time, data or address before G
4.5 V
15
23
19
ns
tsu
Setup time, data or address before G
6 V
13
20
16
ns
2 V
5
5
5
th
Hold time, data or address after G
4.5 V
5
5
5
ns
th
Hold time, data or address after G
6 V
5
5
5
ns


Similar Part No. - SN54HC259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
365Kb / 15P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI1-SN54HC259 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259FK TI-SN54HC259FK Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results

Similar Description - SN54HC259

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
   8-Bit Addressable Latches
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
   8-Bit Addressable Latches
August, 2014 ??Rev. 9
logo
Texas Instruments
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com