Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3812S361 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTLX3812S361
Description  RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3812S361 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTLX3812S361 Datasheet HTML 2Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 3Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 4Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 5Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 6Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 7Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 8Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 9Page - Finisar Corporation. FTLX3812S361 Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FTLX3812S3xx Amplified DWDM XFP Product Specification – September 2007
F i n i s a r
© Finisar Corporation 28-September-2007
Rev B1
Page 6
IV.
Optical Characteristics (EOL, TOP = -5 to 70°C, VCC5 = 4.75 to 5.25 Volts)
Please note that the Transmitter of the FTLX3811S3xx becomes operational within 60
seconds of power-up. This is due to the time required for the EML to reach its optimum
operating temperature.
Transmitter
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Output Opt. Pwr: 9/125 SMF
POUT
-3
+3
dBm
Optical Extinction Ratio
ER
8.2
dB
Center Wavelength Spacing
100
GHz
1
Transmitter Center Wavelength –
End Of Life
λc
X-100
X
X+100
pm
2
Transmitter Center Wavelength –
Beginning Of Life
λc
X-25
X
X+25
pm
2
Sidemode Suppression ratio
SSRmin
30
dB
Tx Jitter Generation (peak-to-peak)
Txj
0.1
UI
3
Tx Jitter Generation (RMS)
TxjRMS
0.01
UI
4
Relative Intensity Noise
RIN
-130
dB/Hz
Receiver
Maximum Input Power
PMAX
-7
dBm
Optical Center Wavelength
λ
C
1270
1600
nm
Receiver Reflectance
Rrx
-27
dB
LOS De-Assert
LOSD
-30
dBm
LOS Assert
LOSA
-35
dBm
LOS Hysteresis
0.5
dB
Receiver Sensitivity
5
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Sensitivity back-to-
back at OSNR>30dB
(dBm)
Power Penalty
at OSNR>30dB
(dB)
Threshold
Adjustm.
Required
9.95
1e-12
-500 to 1450
-23
3
No
10.7
1e-4
-500 to 1300
-27
3
Yes
OSNR Performance
6
Data rate
(Gb/s)
BER
Dispersion (ps/nm)
Min OSNR Back-to-
back at Power: -7 to -
18dBm (dB)
Max OSNR Penalty
at Power:-7 to -18dBm
(dB)
Threshold
Adjustm.
Required
9.95
1e-12
-500 to 1450
24
4
No
10.7
1e-4
-500 to 1300
16
4
Yes
Notes:
1.
Corresponds to approximately 0.8 nm.
2.
X = Specified ITU Grid wavelength. Wavelength stability is achieved within 60 seconds of power up.
3.
Measured with a host jitter of 50 mUI peak-to-peak.
4.
Measured with a host jitter of 7 mUI RMS.
5.
Measured at 1528-1600nm with worst ER; BER<10
-12; PRBS31.
6.
All OSNR measurements are performed with 0.1nm resolution.


Similar Part No. - FTLX3812S361

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M318 FINISAR-FTLX3812M318 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M318 FINISAR-FTLX3812M318 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTLX3812S361

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com