Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

505MPL400K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 505MPL400K
Description  105째C Metallized Polypropylene Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505MPL400K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  505MPL400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 505MPL400K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
208
®
Self-inductance
I High ripple current ratings
I Low ESR
I Stable capacitance versus frequency
and temperature
FEATURES
+105°C Metallized
Polypropylene
Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-55°C to 105°C
±10% (K) at 1kHz, 20°C
Load Life
Insulation Resistance
Voltage Range
Dissipation Factor
<0.1% @1kHz
≥200,000 MΩ x µF
not to exceed 400,000M
1,000 hours, +85°C with 125% Rated WVDC
Capacitance Change
Dissipation Factor
Insulation Resistance
≤±3%of initial readings
@+25°C, 1kHz
≤ .1% of initial reading
at 1kHz @ +25°C
≥50% of minimum initial
limit @ +25°C
≤ 1nH/mm along the capacitor
body and leads
Capacitance Drift Factor
Maximum Pulse Rise Time
±1.0% (after 2 years)
10 v/µ sec.
PERFORMANCE RATING/TEST
RATED DC WORKING VOLTAGE (WVDC)
IC Type MPH and MPL capacitors are designed to
operate at the specified rated maximum DC Working
Voltage over a temperature range of -55°C to +105°C.
Operation at temperatures up to and including +105°C
are permissible without derating.
DIELECTRIC STRENGTH
160% rated DC voltage is applied for 2 seconds at +25°C
INSULATION STRENGTH
Terminal to Terminal: 100 VDC for 1 minute at 25°C (±).
Units will meet Insulation Resistance requirements
CONSTRUCTION
Type
Dielectric
Electrodes
Leads
Extended metallized film
Polypropylene film
Vacuum deposited aluminum layers
Tinned copper wire(MPH or tinned
copper lugs (MPL)
Coating
Flame retardant polyester tape wrap
(UL510) with epoxy end seals UL94V-0
Extended metallized film desi
Extended metallized film design
Operating Temperature
DC Voltage Rating
+25°C
+85°C
+105°C
100%
100%
100%
MPH/
MPL
100 WVDC to 400 WVDC
Humidity/Shelf Life Test, 21 days, 95%RH,
+40°C and no applied voltage
Capacitance Change
Dissipation Factor
Change
Insulation Resistance
≤2% of initial readings
@ 25°C, 1kHz
≤.1% of initial readings
@+25°C, 1kHz
≥50% of minimum initial
High frequency, high current applications
Energized by ICEL


Similar Part No. - 505MPL400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505MPL400K ILLINOISCAPACITOR-505MPL400K Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
More results

Similar Description - 505MPL400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MPH100K ILLINOISCAPACITOR-105MPH100K Datasheet
383Kb / 2P
   105째C Metallized Polypropylene Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com