Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS832AJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS832AJ
Description  SN54ALS805A SN54AS805B SN74ALS805A SN74AS805B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS832AJ Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS832AJ Datasheet HTML 1Page - Texas Instruments SN54ALS832AJ Datasheet HTML 2Page - Texas Instruments SN54ALS832AJ Datasheet HTML 3Page - Texas Instruments SN54ALS832AJ Datasheet HTML 4Page - Texas Instruments SN54ALS832AJ Datasheet HTML 5Page - Texas Instruments SN54ALS832AJ Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54ALS832A, SN54AS832B, SN74ALS832A, SN74AS832B
HEX 2-INPUT OR DRIVERS
SDAS017C – DECEMBER 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
High Capacitive-Drive Capability
′ALS832A Has Typical Delay Time of 4.8 ns
(CL = 50 pF) and Typical Power Dissipation
of 4.5 mW Per Gate
′AS832B Has Typical Delay Time of 3.2 ns
(CL = 50 pF) and Typical Power Dissipation
of Less Than 13 mW Per Gate
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These devices contain six independent 2-input
OR drivers. They perform the Boolean functions
Y = A + B or Y = A
• B in positive logic.
The
SN54ALS832A
and
SN54AS832B
are
characterized for operation over the full military
temperature range of – 55
°C to 125°C. The
SN74ALS832A
and
SN74AS832B
are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
HH
L
L
L
logic symbol
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
7
3A
8
3B
12
4A
13
4B
1Y
3
2Y
6
3Y
9
4Y
11
15
5A
16
5B
18
6A
19
6B
5Y
14
6Y
17
1Y
3
1
1A
2
1B
2Y
6
4
2A
5
2B
3Y
9
7
3A
8
3B
4Y
11
12
4A
13
4B
5Y
14
15
5A
16
5B
6Y
17
18
6A
19
6B
≥1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
GND
VCC
6B
6A
6Y
5B
5A
5Y
4B
4A
4Y
SN54ALS832A, SN54AS832B ...J PACKAGE
SN74ALS832A, SN74AS832B . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6A
6Y
5B
5A
5Y
2A
2B
2Y
3A
3B
SN54ALS832A, SN54AS832B . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54ALS832AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS832AJ TI-SN54ALS832AJ Datasheet
611Kb / 15P
[Old version datasheet]   HEX 2-INPUT OR DRIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com