Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6140A2YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6140A2YFFR
Description  CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6140A2YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6140A2YFFR Datasheet HTML 3Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 4Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 5Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 6Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 7Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 8Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 9Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 10Page - Texas Instruments TPA6140A2YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TYPICAL CHARACTERISTICS
VDD − Supply Voltage − V
0
1
2
3
4
5
6
7
8
9
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G001
PO − Output Power − W
f = 1 kHz
RL = 16 Ω
VDD = 3.6 V
0.0001
0.001
0.01
0.1
100
1
0.1
0.01
G002
10
Out of Phase
In Phase
PO − Output Power − W
f = 1 kHz
RL = 16 Ω
0.0001
0.001
0.01
0.1
100
1
0.1
0.01
G003
10
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
f = 1 kHz
RL = 32 Ω
0.0001
0.001
0.01
0.1
100
1
0.1
0.01
G004
10
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
f − Frequency − Hz
RL = 16 Ω
VDD = 2.5 V
20
100
1k
20k
1
0.1
0.01
0.001
G005
10k
PO = 1 mW
per Channel
PO = 10 mW
per Channel
PO = 4 mW
per Channel
f − Frequency − Hz
RL = 32 Ω
VDD = 2.5 V
20
100
1k
20k
1
0.1
0.01
0.001
G006
10k
PO = 1 mW
per Channel
PO = 4 mW
per Channel
PO = 10 mW
per Channel
TPA6140A2
www.ti.com .................................................................................................................................................................................................. SLOS598 – MARCH 2009
TA = 25°C, AVDD (VDD) = 3.6 V, GAIN = 0 dB, CHPVDD = CHPVSS = 2.2 µF, CINPUT = CFLYING = 1 µF, Outputs out of phase
QUIESCENT SUPPLY CURRENT
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Copyright © 2009, Texas Instruments Incorporated
7
Product Folder Link(s): TPA6140A2


Similar Part No. - TPA6140A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Similar Description - TPA6140A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com