Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1621P2T59 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FWLF1621P2T59
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1621P2T59 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FWLF1621P2T59 Datasheet HTML 3Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 4Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 5Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 6Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 7Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 8Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 9Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 10Page - Finisar Corporation. FWLF1621P2T59 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FWLF1621P2Txx SFP Product Specification – November 2007
F i n i s a r
© Finisar Corporation November 2007 Rev.A Preliminary and Confidential
Page 7
IX.
Digital Diagnostic Functions
All Finisar SFPs support the 2-wire serial communication protocol outlined in the SFP
MSA
5. These SFPs use an Atmel AT24C01A 128 byte E2PROM with an address of A0h
(see table below for E
2PROM contents). For details on interfacing with the E2PROM, see
the Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM.”8
Finisar’s CWDM SFPs also support extended diagnostic features as described in Finisar
Applications Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”
9, and additional information is available in SFF standard titled: “Digital
Diagnostic Monitoring Interface for Optical Transceivers
10
(SFF-8472 rev9.3). A
controller IC that monitors system parameters such as laser current, module temperature,
transmitter power, and received power is accessible at address A2H.
I2C clock speed, digital diagnostic accuracy and digital diagnostic range can be found in
the table below. Values in the table represent the worst-case values over temperature,
voltage, and life.
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
I
2C Clock Speed
0
100,000
Hz
Bus can be driven blind
Accuracy
Transceiver Temperature
DDTemperatu
re
-3
+3
°C
Measured at controller IC
Transceiver Supply
Voltage
DDVoltage
-3
+3
%
Measured at controller IC
Tx Bias Current
DDBias
-10
+10
%
Tx Output Power
DDTxPower
-3
+3
dB
100% tested in production
tested at room temp to ±2 dB
Received Average Power
DDRxPower
-3
+3
dB
100% tested in production
tested at room temp to ±2 dB
Range
Transceiver Temperature
DDTemperatu
re
-40
85
°C
Transceiver Supply
Voltage
DDVoltage
3.0
4.0
V
Tx Bias Curent
DDBias
0
90
mA
Tx Output Power
DDTxPower
-10
5
dBm
Received Average Power
DDRxPower
-28
-5
dBm


Similar Part No. - FWLF1621P2T59

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FWLF1621P2T59-C ATGBICS-FWLF1621P2T59-C Datasheet
323Kb / 10P
   FWLF1621P2T59 Finisar Compatible Transceiver CWDM SFP 2.67G (80km, SMF, LC, 1591nm, Red Clasp, Ind Temp)
More results

Similar Description - FWLF1621P2T59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com