Electronic Components Datasheet Search |
|
FWLF1621P2T49 Datasheet(PDF) 7 Page - Finisar Corporation. |
|
FWLF1621P2T49 Datasheet(HTML) 7 Page - Finisar Corporation. |
7 / 12 page FWLF1621P2Txx SFP Product Specification – November 2007 F i n i s a r © Finisar Corporation November 2007 Rev.A Preliminary and Confidential Page 7 IX. Digital Diagnostic Functions All Finisar SFPs support the 2-wire serial communication protocol outlined in the SFP MSA 5. These SFPs use an Atmel AT24C01A 128 byte E2PROM with an address of A0h (see table below for E 2PROM contents). For details on interfacing with the E2PROM, see the Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial CMOS E 2PROM.”8 Finisar’s CWDM SFPs also support extended diagnostic features as described in Finisar Applications Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical Transceivers” 9, and additional information is available in SFF standard titled: “Digital Diagnostic Monitoring Interface for Optical Transceivers 10 (SFF-8472 rev9.3). A controller IC that monitors system parameters such as laser current, module temperature, transmitter power, and received power is accessible at address A2H. I2C clock speed, digital diagnostic accuracy and digital diagnostic range can be found in the table below. Values in the table represent the worst-case values over temperature, voltage, and life. Parameter Symbol Min Typ Max Units Notes/Conditions I 2C Clock Speed 0 100,000 Hz Bus can be driven blind Accuracy Transceiver Temperature DDTemperatu re -3 +3 °C Measured at controller IC Transceiver Supply Voltage DDVoltage -3 +3 % Measured at controller IC Tx Bias Current DDBias -10 +10 % Tx Output Power DDTxPower -3 +3 dB 100% tested in production tested at room temp to ±2 dB Received Average Power DDRxPower -3 +3 dB 100% tested in production tested at room temp to ±2 dB Range Transceiver Temperature DDTemperatu re -40 85 °C Transceiver Supply Voltage DDVoltage 3.0 4.0 V Tx Bias Curent DDBias 0 90 mA Tx Output Power DDTxPower -10 5 dBm Received Average Power DDRxPower -28 -5 dBm |
Similar Part No. - FWLF1621P2T49 |
|
Similar Description - FWLF1621P2T49 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |