Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWDM-1629-52 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FWDM-1629-52
Description  DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1629-52 Datasheet(HTML) 1 Page - Finisar Corporation.

  FWDM-1629-52 Datasheet HTML 1Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 2Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 3Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 4Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 5Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 6Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 7Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 8Page - Finisar Corporation. FWDM-1629-52 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 1
Rev C, February 2005
Preliminary Product Specification
DWDM SFP Transceiver
FWDM-1629-XX
PRODUCT FEATURES
• Up to 1.25 Gb/s bi-directional data
links
• Hot-pluggable SFP footprint
• Temperature-stabilized DWDM-
rated DFB laser transmitter
• 100GHz ITU Grid, C Band
• Low dispersion DFB laser suitable
• Metal enclosure for low EMI
• Extended operating range: -5°C to
70°C case temperature
• Wavelength controlled within ± 0.1
nm over life and temperature
• Extended link budget with APD
receiver technology
• GbE and 1X FC compliant
APPLICATIONS
• Amplified DWDM networks
• Bandwidth aggregation
• Ring topologies with OADM
Finisar’s Dense Wavelength-Division Multiplexing (DWDM) transceivers offer DWDM
transport with dramatically lower power and cost in a standard pluggable Small Form
Factor Pluggable (SFP) package. The FWDM-1629 is designed expressly for service
providers deploying DWDM networking equipment in metropolitan Ethernet and SAN
networks. The fiber link budget has been enhanced to 30dB with an Avalanche Photo
Diode (APD) receiver.
In addition, digital diagnostic features are implemented as described in Finisar
Application Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”
2.


Similar Part No. - FWDM-1629-52

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWDM-1629-52

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com