Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF8519P2WNL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLF8519P2WNL
Description  2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519P2WNL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLF8519P2WNL Datasheet HTML 1Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 2Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 3Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 4Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 5Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 6Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 7Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 8Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FTLF8519P2xNL Pluggable SFP Product Specification – September 2005
 Finisar Corporation September 25, 2005 Rev. J
Page 3
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.0
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TA
-20
85
°C
Relative Humidity
RH
0
85
%
1
III.
Electrical Characteristics (TA = -20 to 85 °°°°C, VCC = 3.0 to 3.6 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.0
3.6
V
Supply Current
Icc
180
240
mA
Transmitter
Input differential impedance
Rin
100
2
Single ended data input swing
Vin,pp
250
1200
mV
3
Transmit Disable Voltage
VD
2
Vcc
V
4
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
Receiver
Single ended data output swing
Vout,pp
250
450
550
mV
5
Data output rise time
tr
90
175
ps
6
Data output fall time
tf
90
175
ps
6
Mask Margin
45%
LOS Fault
VLOS fault
2
VccHOST
V
7
LOS Normal
VLOS norm
Vee
Vee+0.5
V
7
Power Supply Rejection
PSR
100
mVpp
8
Deterministic Jitter Contribution
RX
DJ
51.7
ps
9
Total Jitter Contribution
RX
TJ
<65
122.4
ps
10
Notes:
1. Non condensing.
2. Connected directly to TX data input pins. AC coupling from pins into laser driver IC.
3. We recommend <600mV for best EMI performance.
4. Or open circuit.
5. Into 100 ohms differential termination.
6. 20 – 80 %
7. LOS is an open collector output. Should be pulled up with 4.7k – 10kohms on the host board. Normal
operation is logic 0; loss of signal is logic 1. Maximum pull-up voltage is 5.5V.
8. Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to
specified value applied through the recommended power supply filtering network.
9. Typical peak-to-peak jitter (=6*RMS width of Jitter).
10. Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ
and
DJ.
11. If measured with TJ-free data input signal. In actual application, output TJ will be given by:
() (
)2
2
DJ
TJ
DJ
TJ
DJ
DJ
TJ
IN
IN
IN
OUT
+
+
+
=


Similar Part No. - FTLF8519P2WNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519P2WCL FINISAR-FTLF8519P2WCL Datasheet
794Kb / 10P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results

Similar Description - FTLF8519P2WNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WCL FINISAR-FTLF8519P2WCL Datasheet
794Kb / 10P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BYL FINISAR-FTLF8519P3BYL Datasheet
641Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BTL FINISAR-FTLF8519P3BTL Datasheet
669Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTL-8519-3D-2.5 FINISAR-FTL-8519-3D-2.5 Datasheet
206Kb / 9P
   RoHS Compliant 2.125 Gb/s Short-Wavelength GBIC Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GTL FINISAR-FTLF8519F2GTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GNL FINISAR-FTLF8519F2GNL Datasheet
264Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com