Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1412M3BTL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX1412M3BTL
Description  RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1412M3BTL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX1412M3BTL Datasheet HTML 1Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 2Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 3Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX1412M3BTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTLX1412M3BTL Multirate XFP Product Specification – June 2008
F i n i s a r
© Finisar Corporation 25-June-08
Rev B
Page 4
III.
Electrical Characteristics (TOP = -40 to 85 °C, VCC3 = 3.13 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc3
3.13
3.46
V
Supply Current
Icc3
600
mA
Module total power
(-10°C to +85°C case)
P1
2.0
W
1
Module total power
(-40°C to -10°C case)
P2
2.5
W
1
Transmitter
Input differential impedance
Rin
100
Ω
2
Differential data input swing
Vin,pp
120
820
mV
3
Transmit Disable Voltage
VD
2.0
Vcc
V
4
Transmit Enable Voltage
VEN
GND
GND+ 0.8
V
Transmit Disable Assert Time
10
us
Receiver
Differential data output swing
Vout,pp
340
650
850
mV
5
Data output rise time
tr
38
ps
6
Data output fall time
tf
38
ps
6
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
7
LOS Normal
VLOS norm
GND
GND+0.5
V
7
Power Supply Rejection
PSR
See Note 8 below
8
Notes:
1.
Maximum total power value is specified across the indicated temperature and voltage ranges.
2.
After internal AC coupling.
3.
SONET/SDH jitter generation requirements are guaranteed with a minimum differential data input
swing of 500mV peak-to-peak.
4.
Or open circuit.
5.
Into 100 ohms differential termination.
6.
20 – 80 %
7.
Loss Of Signal is open collector to be pulled up with a 4.7k – 10kohm resistor to 3.15 – 3.6V. Logic 0
indicates normal operation; logic 1 indicates no signal detected.
8.
Per Section 2.7.1. in the XFP MSA Specification
1.


Similar Part No. - FTLX1412M3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
More results

Similar Description - FTLX1412M3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
   10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com