Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM2004D Datasheet(PDF) 6 Page - ZETTLER Electronics

Part # ACM2004D
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACM2004D Datasheet(HTML) 6 Page - ZETTLER Electronics

Back Button ACM2004D Datasheet HTML 2Page - ZETTLER Electronics ACM2004D Datasheet HTML 3Page - ZETTLER Electronics ACM2004D Datasheet HTML 4Page - ZETTLER Electronics ACM2004D Datasheet HTML 5Page - ZETTLER Electronics ACM2004D Datasheet HTML 6Page - ZETTLER Electronics ACM2004D Datasheet HTML 7Page - ZETTLER Electronics ACM2004D Datasheet HTML 8Page - ZETTLER Electronics ACM2004D Datasheet HTML 9Page - ZETTLER Electronics ACM2004D Datasheet HTML 10Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACM2004D SERIES CHARACTER MODULE VER1.1
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
5
6.0 PIN ASSIGNMENT
7.0 POWER SUPPLY
Pin No.
Symbol
Function
1
Vss
Ground
2
Vdd
+5V
3
Vo
LCD contrast adjust
4
RS
Register select
5
R/W
Read / write
6
E
Enable
7
DB0
Data bit 0
8
DB1
Data bit 1
9
DB2
Data bit 2
10
DB3
Data bit 3
11
DB4
Data bit 4
12
DB5
Data bit 5
13
DB6
Data bit 6
14
DB7
Data bit 7
15
BL+
Power Supply for
BL+(5.0V)
16
BL-
Power Supply for BL-
8.0 TIMING CHARACTERISTICS
Vss
Vo
Vdd
Vr
+5V
STANDARD TEMP RANGE
Vss
Vo
Vdd
Vr
+5V
WIDE TEMP RANGE
-5V
Vr = 10K
Ω ~ 20KΩ


Similar Part No. - ACM2004D

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM2004D AZDISPLAYS-ACM2004D Datasheet
285Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2004D-FL-YBE AZDISPLAYS-ACM2004D-FL-YBE Datasheet
817Kb / 15P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2004D-RN-GBH-D AZDISPLAYS-ACM2004D-RN-GBH-D Datasheet
787Kb / 14P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM2004D

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com