Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106MHBA03K Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 106MHBA03K
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106MHBA03K Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  106MHBA03K Datasheet HTML 1Page - Illinois Capacitor, Inc. 106MHBA03K Datasheet HTML 2Page - Illinois Capacitor, Inc. 106MHBA03K Datasheet HTML 3Page - Illinois Capacitor, Inc. 106MHBA03K Datasheet HTML 4Page - Illinois Capacitor, Inc. 106MHBA03K Datasheet HTML 5Page - Illinois Capacitor, Inc. 106MHBA03K Datasheet HTML 6Page - Illinois Capacitor, Inc. 106MHBA03K Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
2.5
800 255MHBA01K## 82.5
9.1
10.5
42.5x28x17
3
700 305MHBA06K##
75
9.2
10.5
42.5x28x17
3.3
800 335MHBA01K## 82.5
7.6
12.5
42.5x30x22
4
600 405MHBA02K##
60
8.2
11
42.5x28x17
4
700 405MHBA06K##
75
7.8
12
42.5x30x22
4
800 405MHBA01K## 82.5
6.6
13.5
42.5x33.5x22
5
600 505MHBA02K##
60
6.6
13
42.5x30x22
5
700 505MHBA06K##
75
6.6
13.5
42.5x33.5x22
6.8
600 685MHBA02K##
60
5.7
15
42.5x33.5x22
7.5
500 755MHBA03K## 47.5
7.5
11.5
42.5x30x22
8
700 805MHBA06K##
75
5.1
17.5
42.5x37x28
8
800 805MHBA01K## 82.5
4
21.5
42.5x45x30
10
370 106MHBA04K## 37.5
6.1
12.5
42.5x28x17
10
500 106MHBA03K## 47.5
6
14.5
42.5x33.5x22
10
600 106MHBA02K##
60
4.7
18
42.5x37x28
10
700 106MHBA06K##
75
4.6
20
42.5x45x30
10
800 106MHBA01K##
55
5.2
20
57.5x45x30
12.5
800 126MHBA01K##
55
4.7
22
57.5x45x30
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
15
370 156MHBA04K## 37.5
5
15
42.5x30x22
15
500 156MHBA03K## 47.5
4.7
17.5
42.5x37x28
15
600 156MHBA02K##
60
3.7
22
42.5x45x30
15
700 156MHBA06K##
50
4.7
22
57.5x45x30
15
800 156MHBA01K##
55
4.3
24
57.5x50x35
20
600 206MHBA02K##
40
4
23
57.5x45x30
20
700 206MHBA06K##
50
4
25
57.5x50x35
22
370 226MHBA04K## 37.5
4
19
42.5x37x28
22
500 226MHBA03K## 47.5
3.8
21.5
42.5x45x30
25
500 256MHBA03K## 32.5
4.3
22
57.5x45x30
25
600 256MHBA02K##
40
3.5
27
57.5x50x35
30
500 306MHBA03K## 32.5
3.8
24
57.5x45x30
33
370 336MHBA04K## 37.5
3.3
23
42.5x45x30
40
370 406MHBA04K##
25
3.8
24
57.5x45x30
40
500 406MHBA03K## 32.5
3.2
28
57.5x50x35
50
370 506MHBA04K##
25
3.2
28
57.5x50x35
60
370 606MHBA04K##
20
2.9
29
57.5x50x35
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
µF
Convert to inches, divide by 25.4
Lug Terminals
LxHxT mm
WVDC
(VAC)
500
(250)
600
(330)
370
(160)
2.5
42.5x28x17
3
42.5x28x17
3.3
42.5x30x22
4
42.5x28x17
42.5x30x22
42.5x33.5x22
5
42.5x30x22
42.5x33.5x22
6.8
42.5x33.5x22
7.5
42.5x30x22
8
42.5x37x28
42.5x45x30
10
42.5x28x17
42.5x33.5x22
42.5x37x28
42.5x45x30
57.5x45x30
12.5
57.5x45x30
15
42.5x30x22
42.5x37x28
42.5x45x30
57.5x45x30
57.5x50x35
20
57.5x45x30
57.5x50x35
22
42.5x37x28
42.5x45x30
25
57.5x45x30
57.5x50x35
30
57.5x45x30
33
42.5x45x30
40
57.5x45x30
57.5x50x35
50
57.5x50x35
60
57.5x50x35
700
(380)
800
(400)
MHB
Radial Leaded Polypropylene
Film Capacitors
with Double Sided
Metallized Electrodes
PHYSICAL DIMENSIONS


Similar Part No. - 106MHBA03K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106MHBA03K ILLINOISCAPACITOR-106MHBA03K Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
106MHBA03K2J ILLINOISCAPACITOR-106MHBA03K2J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
106MHBA03K4J ILLINOISCAPACITOR-106MHBA03K4J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 106MHBA03K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com