Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1217P2BTL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLF1217P2BTL
Description  Fast Ethernet RoHS Compliant Long-Wavelength SFP Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1217P2BTL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLF1217P2BTL Datasheet HTML 1Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 2Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 3Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 4Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 5Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 6Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 7Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 8Page - Finisar Corporation. FTLF1217P2BTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FTLF1217P2xTL Pluggable SFP Product Specification – September 2008
© Finisar Corporation September 13, 2008 Rev. B
Page 5
IV.
Optical Characteristics (TOP = -40 to 85 °C, VCC = 3. 00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Power
POUT
-20
-15
dBm
1
Optical Wavelength
λ
1280
1380
nm
Spectral Width (FWHM)
σ
175
nm
2
Optical Rise/Fall Time
≤ 155 Mb/s
tr/ tf
0.6
3.0
ns
3
Optical Rise/Fall Time = 200 Mb/s
tr/ tf
1.7
ns
4
Systematic Jitter Contribution
TX
Δ SJ
1.6
ns
5
Contributed Duty Cycle Distortion
TX
Δ DCD
1.0
ns
6
Data Dependent Jitter Contribution
TX
Δ DDJ
0.6
ns
6
Random Jitter Contribution @ OC-3
and OC-1
TX
Δ RJ
0.6
ns
5
Random Jitter Contribution @ FE
TX
Δ RJ
0.76
ns
6
Extinction Ratio
ER
10
dB
Receiver
Receiver Sensitivity = 51.8 Mb/s
RxSENS
-30
dBm
7
Receiver Sensitivity = 155 Mb/s
RxSENS
-30
dBm
7
Receiver Sensitivity = 125 Mb/s
RxSENS
-31
dBm
7
Receiver Sensitivity = 200 Mb/s
RxSENS
-29
dBm
8
Maximum Average Receiver Power
RxMAX
-14
dBm
Optical Center Wavelength
λ
C
1270
1600
nm
LOS De-Assert
LOSD
-33
dBm
LOS Assert
LOSA
-45
dBm
LOS Hysteresis
1.5
dB
Notes:
1.
Measured average power coupled into 62.5/125um fibre with NA = 0.275. Class 1 eye safety per
FDA/CDRH, IEC, and EN60825-1 safety standards.
2.
Also specified to fall within the extrapolated curves in FDDI PMD
3 Figure 9, which allow trade-off
between wavelength, spectral width and transmitter rise/fall times.
3.
Unfiltered, 10-90%.
4.
Unfiltered, 20-80%.
5.
Peak-to-peak measurement for OC-3 SR-0 or OC-1 SR-0 operation measured with a PRBS 2^23-1 test
pattern.
6.
Peak-to-peak measurement based on 4B/5B encoded Fast Ethernet pattern referenced in FDDI PMD
3
Annex A.5
7.
Specifications are for 50 micro-meter or 62.5 micro-meter fiber.
8.
Specifications are for 50 micro-meter or 62.5 micro-meter fiber, based on any valid 8B/10B code
pattern and measured at, or extrapolated to, 10
-15 BER.


Similar Part No. - FTLF1217P2BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1217P2TL FINISAR-FTLF1217P2TL Datasheet
811Kb / 13P
   Fast Ethernet RoHS Compliant Long-Wavelength SFP Transceiver
logo
Frontier Electronics.
FTLF1217P2XTL FRONTIER-FTLF1217P2XTL Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1217P2XTL FINISAR-FTLF1217P2XTL Datasheet
811Kb / 13P
   Fast Ethernet RoHS Compliant Long-Wavelength SFP Transceiver
More results

Similar Description - FTLF1217P2BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1217P2TL FINISAR-FTLF1217P2TL Datasheet
811Kb / 13P
   Fast Ethernet RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1429P3BCE FINISAR-FTLF1429P3BCE Datasheet
808Kb / 10P
   16GFC RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1429P3BNV FINISAR-FTLF1429P3BNV Datasheet
755Kb / 10P
   16GFC RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1328P2BNV FINISAR-FTLF1328P2BNV Datasheet
718Kb / 10P
   8 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com