Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C520 Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # C520
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C520 Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button C520 Datasheet HTML 3Page - Cooper Bussmann, Inc. C520 Datasheet HTML 4Page - Cooper Bussmann, Inc. C520 Datasheet HTML 5Page - Cooper Bussmann, Inc. C520 Datasheet HTML 6Page - Cooper Bussmann, Inc. C520 Datasheet HTML 7Page - Cooper Bussmann, Inc. C520 Datasheet HTML 8Page - Cooper Bussmann, Inc. C520 Datasheet HTML 9Page - Cooper Bussmann, Inc. C520 Datasheet HTML 10Page - Cooper Bussmann, Inc. C520 Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
59
Electronic — PCB & Small Dimension Fuses
MDL-V (axial leads)
MDL
Specifications
Description:
Time-
delay fuse.
Dimensions: 1
4˝ x 114˝
(6.4 x 31.7mm).
Construction: Glass
tube with nickel-plated
brass endcaps.
Ratings:
Volts — 250Vac (116-8A)
— 32Vac (9-30A)
Amps — 116-30A
IR* — 35A (116-1A @ 250Vac)
— 100A (114-3A @ 250Vac)
— 200A (4-8A @ 250Vac)
— 10000A (116-8A @ 125Vac)
— 1000A (9-30A @ 32Vac)
*Interrupting ratings were measured at 70% – 80% power
factor on AC, and at a time constant described in UL 198L.
Agency Information:
CE, UL Listed,
Guide JDYX, File E19180, 116-8A; CSA
Certification Class 1422-01, 116-8A; UL
Recognized, Guide JDYX2, File
E19180, 9-30A; CSA Component
Acceptance, Class 142230, 9-30A.
Features and Benefits
• Time-delay allows close sizing on
inductive circuits.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
MDL-V-116-R
MDL-V-1-R
MDL-V-7-R
MDL-V-110-R
MDL-V-11 4-R
MDL-V-8-R
MDL-V-18-R
MDL-V-1 12-R
MDL-V-9-R
MDL-V-210-R
MDL-V-2-R
MDL-V-10-R
MDL-V-316-R
MDL-V-2 14-R
MDL-V-12-R
MDL-V-14-R
MDL-V-2 12-R
MDL-V-15-R
MDL-V-310-R
MDL-V-3-R
MDL-V-20-R
MDL-V-38-R
MDL-V-4-R
MDL-V-25*
MDL-V-12-R
MDL-V-5-R
MDL-V-30*
MDL-V-34-R
MDL-V-6-R
Without Axial Leads
MDL-116-R
MDL-1-R
MDL-7-R
MDL-110-R
MDL-1 14-R
MDL-8-R
MDL-18-R
MDL-1 12-R
MDL-9-R
MDL-210-R
MDL-2-R
MDL-10-R
MDL-316-R
MDL-2 14-R
MDL-12-R
MDL-14-R
MDL-2 12-R
MDL-15-R
MDL-310-R
MDL-3-R
MDL-20-R
MDL-38-R
MDL-4-R
MDL-25*
MDL-12-R
MDL-5-R
MDL-30*
MDL-34-R
MDL-6-R
14” Dia. x 114” length time-delay ferrule fuses
Data Sheet:2004
MDA-V (axial leads)
MDA
Specifications
Description:
Time-
delay fuse.
Dimensions: 1
4˝ x 114˝
(6.4 x 31.7mm).
Construction:
Ceramic tube with
nickel-plated brass
endcaps.
Ratings:
Volts — 250Vac (or less)
— 125Vdc (20A- 30A)
Amps — 210-30A
IR** — 35A (210-1A @ 250Vac)
— 100A (212-3A @ 250Vac)
— 200A (4-10A @ 250Vac)
— 1500A (15-30A @ 250Vac)
— 10,000A (20-30A @ 125Vdc)
**Interrupting ratings were measured at 70% – 80% power fac-
tor on ac, and at a time constant described in UL 248.
Agency Information:
CE, Std. 248-14,
UL Listed, Guide JDYX, File E19180,
0-15A CSA Certification, Class 1422-01,
File 53787, 0-15A.
Features and Benefits
• Ceramic body allows for higher amp/volt
rating combinations.
• Inventory consolidation by replacing
MDL fuses allows for reduced SKU
investment and minimizing potential for
misapplying fuse.
Typical Applications
• Electronic Circuits
Catalog Numbers (Amps)
With Axial Leads
MDA-V-210
MDA-V-2 12
MDA-V-10
MDA-V-14
MDA-V-3
MDA-V-12
MDA-V-12
MDA-V-4
MDA-V-15
MDA-V-34
MDA-V-5
MDA-V-20
MDA-V-1
MDA-V-6
MDA-V-25
MDA-V-1 12
MDA-V-7
MDA-V-30
MDA-V-2
MDA-V-8
Without Axial Leads
MDA-
210
MDA-2
12
MDA-10
MDA-
14
MDA-3
MDA-12
MDA-
12
MDA-4
MDA-15
MDA-
34
MDA-5
MDA-20
MDA-1
MDA-6
MDA-25A
MDA-1
1 2
MDA-7
MDA-30A
MDA-2
MDA-8
MDQ-V (axial leads)
MDQ
Specifications
Description:
Dual-ele-
ment, time-delay fuse.
Dimensions: 1
4˝ x 114˝
(6.4 x 31.7mm).
Construction: Glass
tube with nickel-plated
brass endcaps.
Ratings:
Volts — 250Vac (1100-7A)
— 32Vac (712-15A)
Amps — 1100-15A
IR — 35A (1100-1A @ 250Vac)
— 100A (114-3A @ 250Vac)
— 200A (4-7A @ 250Vac)
— 1000A (712-12A @ 32Vac)
Agency Information:
Std. 248-14, UL
Listed, File E19180; Guide JDYX, 116-7A
CSA Certification, File 47233, Class
1422-01, 116 -7A, UL Recognized, Guide
JDYX2, File E19180, 7.1-30A.
Features and Benefits
• Dual-element design allows closer sizing
to inductive circuits than any other fuses.
Typical Applications
• Electronic Relay and Control Circuits
Catalog Numbers (Amps)
W
Wiitth
h A
Ax
xiia
all L
Le
ea
ad
ds
s
MDQ-V-1100
MDQ-V-310
MDQ-V-1 12
MDQ-V-5
MDQ-V-132
MDQ-V-38
MDQ-V-1 610 MDQ-V-6
MDQ-V-116
MDQ-V-410
MDQ-V-1 810 MDQ-V-6 14
MDQ-V-110
MDQ-V-12
MDQ-V-2
MDQ-V-7
MDQ-V-18
MDQ-V-610
MDQ-V-2 14
MDQ-V-712
MDQ-V-15100
MDQ-V-34
MDQ-V-2 12
MDQ-V-8
MDQ-V-1751000 MDQ-V-810
MDQ-V-2 810 MDQ-V-9
MDQ-V-316
MDQ-V-1
MDQ-V-3
MDQ-V-10
MDQ-V-210
MDQ-V-1 210 MDQ-V-3 210 MDQ-V-12
MDQ-V-1
4
MDQ-V-1 14
MDQ-V-4
MDQ-15
W
Wiitth
ho
ou
utt A
Ax
xiia
all L
Le
ea
ad
ds
s
MDQ-1100
MDQ-310
MDQ-1 12
MDQ-5
MDQ-132
MDQ-38
MDQ-1 610
MDQ-6
MDQ-116
MDQ-410
MDQ-1 810
MDQ-6 14
MDQ-110
MDQ-12
MDQ-2
MDQ-7
MDQ-18
MDQ-610
MDQ-214
MDQ-712
MDQ-15100
MDQ-34
MDQ-212
MDQ-8
MDQ-1751000
MDQ-810
MDQ-2810
MDQ-9
MDQ-316
MDQ-1
MDQ-3
MDQ-10
MDQ-210
MDQ-1 210
MDQ-3 210
MDQ-12
MDQ-1
4
MDQ-1 14
MDQ-4
MDQ-15
Data Sheet: 2002
Data Sheet: 2044
*MDL-25 & MDL-30 are not available in RoHS compliant
construction.


Similar Part No. - C520

ManufacturerPart #DatasheetDescription
logo
Powerbox
C520 POWERBOX-C520 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Eaton All Rights Reserv...
C520 EATON-C520 Datasheet
288Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C520-1.5-R COOPER-C520-1.5-R Datasheet
213Kb / 2P
   5 x 15mm Glass Tube Fuses
logo
Eaton All Rights Reserv...
C520-1.5-R EATON-C520-1.5-R Datasheet
288Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C520-100-R COOPER-C520-100-R Datasheet
213Kb / 2P
   5 x 15mm Glass Tube Fuses
More results

Similar Description - C520

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com