Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

683LKP035M Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 683LKP035M
Description  85째C Screw Terminal Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

683LKP035M Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  683LKP035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 683LKP035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 683LKP035M Datasheet HTML 3Page - Illinois Capacitor, Inc. 683LKP035M Datasheet HTML 4Page - Illinois Capacitor, Inc. 683LKP035M Datasheet HTML 5Page - Illinois Capacitor, Inc. 683LKP035M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PART
NUMBER
WVDC
Maximum RMS
Ripple Current
(A)
120Hz,+85°C
PART
NUMBER
WVDC
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz, +85°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz, +20°C
Maximum
ESR
m
120Hz, +20°C
22,000
35
223LKP035M
22.607
4.93
35x80
22,000
50
223LKP050M
18.839
6.7
35x121
22,000
63
223LKP063M
18.839
7.73
51x80
22,000
80
223LKP080M
15.071
8.76
51x100
22,000
100
223LKP100M
18.839
9.79
64x100
22,000
160
223LKP160M
15.071
18.57
77x130
22,000
200
223LKP200M
15.071
20.07
77x155
22,000
250
223LKP250M
15.071
20.19
90x157
27,000
25
273LKP025M
24.561
5.04
35x80
27,000
35
273LKP035M
18.421
5.46
35x80
27,000
50
273LKP050M
15.351
7.42
35x121
27,000
63
273LKP063M
15.351
8.56
51x80
27,000
80
273LKP080M
12.280
9.7
51x100
27,000
100
273LKP100M
15.351
10.85
64x100
27,000
160
273LKP160M
12.280
20.58
77x130
27,000
200
273LKP200M
12.280
21.62
90x131
33,000
10
333LKP010M
37.679
4.14
35x50
33,000
16
333LKP016M
30.143
5.51
35x60
33,000
25
333LKP025M
20.095
5.58
35x80
33,000
35
333LKP035M
15.071
7.2
35x121
33,000
50
333LKP050M
15.071
7.55
51x80
33,000
63
333LKP063M
12.560
8.76
51x100
33,000
80
333LKP080M
12.560
10.22
64x100
33,000
100
333LKP100M
12.560
12.8
64x144
33,000
160
333LKP160M
10.048
23.9
90x131
33,000
200
333LKP200M
10.048
25.85
90x157
39,000
10
393LKP010M
31.882
4.5
35x50
39,000
16
393LKP016M
25.506
6.8
35x80
39,000
25
393LKP025M
17.004
6.06
35x80
39,000
35
393LKP035M
12.753
7.83
35x121
39,000
50
393LKP050M
12.753
8.2
51x80
39,000
63
393LKP063M
10.627
10.22
51x121
39,000
80
393LKP080M
10.627
11.11
64x100
39,000
100
393LKP100M
10.627
13.11
77x115
39,000
160
393LKP160M
8.502
25.85
90x157
47,000
6.3
473LKP6R3M
26.455
4.94
35x50
47,000
10
473LKP010M
26.455
5.35
35x60
47,000
16
473LKP016M
21.164
7.47
35x80
47,000
25
473LKP025M
14.109
7.54
35x121
47,000
35
473LKP035M
17.637
8.26
51x80
47,000
50
473LKP050M
10.582
9.8
51x100
47,000
63
473LKP063M
10.582
11.88
64x100
47,000
80
473LKP080M
8.818
14.33
64x144
47,000
100
473LKP100M
8.818
14.81
77x144
56,000
6.3
563LKP6R3M
22.204
4.96
35x60
56,000
10
563LKP010M
22.204
6.63
35x80
56,000
16
563LKP016M
17.763
9.03
35x100
56,000
25
563LKP025M
11.842
8.23
35x121
56,000
35
563LKP035M
14.802
9.02
51x80
56,000
50
563LKP050M
8.881
10.7
51x100
56,000
63
563LKP063M
8.881
12.96
64x100
56,000
80
563LKP080M
7.401
15.64
64x144
68,000
6.3
683LKP6R3M
18.285
5.47
35x60
68,000
10
683LKP010M
18.285
7.31
35x80
68,000
16
683LKP016M
14.628
9.88
35x121
68,000
25
683LKP025M
12.190
9.13
51x100
68,000
35
683LKP035M
12.190
10.35
51x100
68,000
50
683LKP050M
14.628
11.34
64x100
68,000
63
683LKP063M
7.314
13.63
64x144
68,000
80
683LKP080M
7.314
16.27
77x144
82,000
6.3
823LKP6R3M
15.163
6.82
35x80
82,000
10
823LKP010M
15.163
8.02
35x80
82,000
16
823LKP016M
12.131
10.85
35x121
82,000
25
823LKP025M
10.109
10.03
51x100
82,000
35
823LKP035M
10.109
11.36
51x100
82,000
50
823LKP050M
12.131
12.46
64x100
100,000
6.3
104LKP6R3M
12.434
7.53
35x80
100,000
10
104LKP010M
12.434
9.21
35x121
100,000
16
104LKP016M
11.605
10.86
51x80
100,000
25
104LKP025M
8.289
11.26
51x121
100,000
35
104LKP035M
9.947
11.48
64x100
100,000
50
104LKP050M
9.947
12.81
64x144
100,000
63
104LKP063M
6.631
15.86
77x144
120,000
6.3
124KLP6R3M
10.362
9.15
35x121
120,000
10
124LKP010M
13.816
9.23
51x80
120,000
16
124LKP016M
9.671
11.74
51x90
120,000
25
124LKP025M
6.908
12.33
51x121
120,000
35
124LKP035M
8.289
13.13
64x121
LKP
STANDARD PART LISTING
+85°C Screw
Terminal Aluminum
Electrolytic Capacitors


Similar Part No. - 683LKP035M

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
683LP6CE HITTITE-683LP6CE Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
Illinois Capacitor, Inc...
683LRP010M ILLINOISCAPACITOR-683LRP010M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
683LRP016M ILLINOISCAPACITOR-683LRP016M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
683LRP025M ILLINOISCAPACITOR-683LRP025M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 683LKP035M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A472NJ400 KEMET-ALS30A472NJ400 Datasheet
529Kb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com