Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF8519P2BCL Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FTLF8519P2BCL
Description  2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519P2BCL Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FTLF8519P2BCL Datasheet HTML 2Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 3Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 4Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 5Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 6Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 7Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 8Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 9Page - Finisar Corporation. FTLF8519P2BCL Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FTLF8519P2xCL Pluggable SFP Product Specification – September 2005
 Finisar Corporation September 25, 2005 Rev. C
Page 9


Similar Part No. - FTLF8519P2BCL

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FTLF8519P2BCL-C ATGBICS-FTLF8519P2BCL-C Datasheet
293Kb / 8P
   FTLF8519P2BCL Finisar Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - FTLF8519P2BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BYL FINISAR-FTLF8519P3BYL Datasheet
641Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BTL FINISAR-FTLF8519P3BTL Datasheet
669Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WNL FINISAR-FTLF8519P2WNL Datasheet
804Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTL-8519-3D-2.5 FINISAR-FTL-8519-3D-2.5 Datasheet
206Kb / 9P
   RoHS Compliant 2.125 Gb/s Short-Wavelength GBIC Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GTL FINISAR-FTLF8519F2GTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GNL FINISAR-FTLF8519F2GNL Datasheet
264Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com