Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104MMR630K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 104MMR630K
Description  Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104MMR630K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  104MMR630K Datasheet HTML 1Page - Illinois Capacitor, Inc. 104MMR630K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
163
®
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µs)
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µs)
MMR
STANDARD PART LISTING
Small Size
Epoxy Dipped
Radial Lead Metallized
Polyester Capacitors
µF
100
250
400
630
(63)
(150)
(200)
(220)
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
T
max
d ± 0.05
L max
S
H max
15
min.
G
WVDC
Capacitance
Range (µF)
Lead Dia.
d
Meniscus
G Max.
100
250
400
630
C
≤6.8
C>6.8
C
≤0.47
0.68
≤C≤2.2
C>2.2
C
≤0.22
0.33
≤C≤1.5
C>1.5
C
≤0.1
0.15
≤C≤0.47
C>0.47
0.8
0.8
0.6
0.8
0.8
0.6
0.8
0.8
0.6
0.8
0.8
1.0
1.5
1.0
1.0
1.5
1.0
1.0
1.5
1.0
1.0
1.5
mm
10.5
7.5
12
10.0
18.5
15.0
26
22.5
31
27.5
L
S
Lead Spacing
(S ± 1.0mm)
LxHxT(mm)
0.010
10.5x7.5x4.5
10.5x7.5x4.5
12x7.5x4.5
0.015
10.5x7.5x4.5
10.5x7.5x4.5
12x8.5x5
0.022
10.5x7.5x4.5
10.5x8x5
12x10.5x5.5
0.033
10.5x7.5x4.5
10.5x9x6
12x12x6
0.047
10.5x7.5x4.5
12x8.5x5
12x13.5x6.5
0.068
10.5x7.5x4.5
12x10.5x5.5
18.5x11x6
0.10
10.5x8.5x6
12x12x6.5
18.5x14x6.5
0.15
10.5x11x6
18.5x12.5x5
18.5x15.5x7.5
0.22
12x10.5x5.5
18.5x13x6
18.5x16.5x9
0.33
12x12x6.5
18.5x15x7
26x17x8
0.47
18.5x12.5x5.5
18.5x17x8
26x18.5x9.5
0.68
18.5x13.5x6
26x16.5x7
26x21x11.5
1.0
12x14x7
18.5x15x7.5
26x18x8.5
31x22x12.5
1.5
18.5x13.5x6
18.5x17x9
31x19x9.5
31x25x15.5
2.2
18.5x15x7
26x16.5x8.5
31x22x11
31x29x19.5
3.3
18.5x16.5x8.5
26x18x10.5
4.7
26x17x7.5
26x21.5x12
6.8
26x18.5x9
31x22.5x13
10.0
26x21x11.5
31x26x16
WVDC
(VAC)
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µs)
0.01
250
103MMR250K
80
0.01
400
103MMR400K
190
0.01
630
103MMR630K
200
0.015
250
153MMR250K
80
0.015
400
153MMR400K
190
0.015
630
153MMR630K
200
0.022
250
223MMR250K
80
0.022
400
223MMR400K
190
0.022
630
223MMR630K
200
0.033
250
333MMR250K
80
0.033
400
333MMR400K
190
0.033
630
333MMR630K
200
0.047
250
473MMR250K
80
0.047
400
473MMR400K
160
0.047
630
473MMR630K
200
0.068
250
683MMR250K
80
0.068
400
683MMR400K
160
0.068
630
683MMR630K
90
0.100
250
104MMR250K
80
0.10
400
104MMR400K
160
0.10
630
104MMR630K
90
0.15
250
154MMR250K
80
0.15
400
154MMR400K
65
0.15
630
154MMR630K
90
0.22
250
224MMR250K
110
0.22
400
224MMR400K
65
0.22
630
224MMR630K
90
0.33
250
334MMR250K
110
0.33
400
334MMR400K
65
0.33
630
334MMR630K
35
0.47
250
474MMR250K
45
0.47
400
474MMR400K
65
0.47
630
474MMR630K
35
0.68
250
684MMR250K
45
0.68
400
684MMR400K
30
0.68
630
684MMR630K
35
1.0
100
105MMR100K
30
1.0
250
105MMR250K
45
1.0
400
105MMR400K
30
1.0
630
105MMR630K
30
1.5
100
155MMR100K
20
1.5
250
155MMR250K
45
1.5
400
155MMR400K
25
1.5
630
155MMR630K
30
2.2
100
225MMR100K
20
2.2
250
225MMR250K
20
2.2
400
225MMR400K
25
2.2
630
225MMR630K
30
3.3
100
335MMR100K
20
3.3
250
335MMR250K
20
4.7
100
475MMR100K
10
4.7
250
475MMR250K
20
6.8
100
685MMR100K
10
6.8
250
685MMR250K
15
10.0
100
106MMR100K
10
10.0
250
106MMR250K
15


Similar Part No. - 104MMR630K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104MMR630K ILLINOISCAPACITOR-104MMR630K Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
104MMR630K ILLINOISCAPACITOR-104MMR630K Datasheet
234Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 104MMR630K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
102UMR100K ILLINOISCAPACITOR-102UMR100K Datasheet
441Kb / 4P
   Epoxy-Dipped Radial Lead Inductive Film/Foil Capacitors
logo
Vishay Siliconix
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
MKT369 VISHAY-MKT369 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com