Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

305MABA03KH Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 305MABA03KH
Description  AC/Motor Run Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

305MABA03KH Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  305MABA03KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 305MABA03KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 305MABA03KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 305MABA03KH Datasheet HTML 4Page - Illinois Capacitor, Inc. 305MABA03KH Datasheet HTML 5Page - Illinois Capacitor, Inc. 305MABA03KH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
182
®
AC/Motor Run
Film Capacitors
MAB
Operating Temperature
-40˚C to +105˚C without use of approvals
Range
-25˚C to +85˚C for use of approvals
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
See Voltage Code Table
Voltage must be derated by 1.25% per °C exceeding 85°C.
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Dielectric Strength
Self Inductance
<1nH/mm of lead spacing and lead wire length.
Capacitance Drift
<1.0% up to 40˚C after 2 years
Temperature Coefficient
-200ppm/˚C +/- 100ppm/˚C
Load Life Test
Capacitance Change
≤3%
Dielectric
Polypropylene
Electrodes
Vacuum Deposited Metal Layers
Construction
Metallized Film
Leads
Solid or Stranded Tinned Copper Wire
Coating
Solvent resistant plastic box (UL 94-V1) with epoxy fills (UL 94V-0)
Freq (kHz)
C>22µF
C
≤ 2.2µF
2.2µF<C
≤15µF
15µF<C
≤22µF
1
.06%
.1%
.12%
.14%
> 10,000M
Ω x µF for C<1µF.
> 30,00M
Ω x µF for C≥1µF.
160% of rated VAC for 60 seconds at 20˚C between leads.
200% of rated VAC for 60 seconds at 20˚C between leads
for EN 60252-1 approval.
3KV at 60HZ for 60 seconds between leads and case.
Motor Run
General Purpose AC application
Switching Capacitor for Industrial Controls
SMPS
High Frequency Electronic Ballasts
Motor Speed Controls
Rated Voltage
®
ICEL
MAB
15
µF 5%
320VAC
A 400VAC
C
EN 60252
125% of rated voltage at +85°C
200 hrs. for Class D (1000 hours expected life, continuous service)
600 hrs. for Class C (3000 hours expected life, continuous service)
2000 hrs. for Class B (10000 hours expected life, continuous service)
6000 hrs. for Class A (30000 hours expected life, continuous service)


Similar Part No. - 305MABA03KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305MABA03KH ILLINOISCAPACITOR-305MABA03KH Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
More results

Similar Description - 305MABA03KH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com