Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM5A Datasheet(PDF) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # RM5A
Description  RM CORES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

RM5A Datasheet(HTML) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  RM5A Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. RM5A Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Core parameter
Al(nH/N2)±25%
Type
C1
(mm-1)
Ae
(mm2)
Ie
(mm)
Ve
(mm3)
weight
(g/pr.)
F5
F10
RM4A
1.69
13.8
23.3
322
2.8
950
3500+40%
-30%
RM5A
0.935
24.8
23.2
574
3.3
1700
6700+40%
-30%
RM6A
0.784
37.0
29.2
1090
4.9
2150
8600+40%
-30%
RM8A
0.604
63.0
38.4
2440
12.0
3300
12500+40%
-30%
RM10A
0.462
96.6
44.6
4310
22.0
4050
16000+40%
-30%
RM12A
0.388
146
56.6
8340
45.0
5050
17700min
RM14A
0.353
198
70.0
13900
74.0
5700
19600min
AL:1kHz,0.5mA,100Ts
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : magnetcom@gmail.com sales@magnet-tech.com


Similar Part No. - RM5A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM5 TEC-RM5 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
logo
Ferroxcube Internationa...
RM5-3C90 FERROXCUBE-RM5-3C90 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A100 FERROXCUBE-RM5-3C90-A100 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A160 FERROXCUBE-RM5-3C90-A160 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A250 FERROXCUBE-RM5-3C90-A250 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM5A

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM4-3D3-E40 FERROXCUBE-RM4-3D3-E40 Datasheet
74Kb / 6P
   RM, RM/I, RM/ILP cores and
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM6 FERROXCUBE-ADJ-RM6 Datasheet
51Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM4-3C90 FERROXCUBE-RM4-3C90 Datasheet
65Kb / 5P
   RM, RM/I, RM/ILP cores and accessories
RM6R-3D3-E40 FERROXCUBE-RM6R-3D3-E40 Datasheet
84Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3B46 FERROXCUBE-RM6S-3B46 Datasheet
108Kb / 10P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90 FERROXCUBE-RM7-3C90 Datasheet
52Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com