Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1811 Datasheet(PDF) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # P1811
Description  POT TYPE CORES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

P1811 Datasheet(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  P1811 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1
Our Ferrite Pot Cores-POT TYPE CORES
2007-06-21 10:06:10
http://www.magnet-tech.com/product/MnZn/mnzn_power_ferrite/POT.htm
p
POT TYPE CORES
Materials:
LP1,LP2,LP3,HQ8H,HQ2K,HQ2K1
Type
Dimensions(m/m)
Effective parameter
A
B
D1
D2
D3
D4
H1
H2
C1
Ae
Le
Ve
AL±25%
(nH/N
2)
P0704 5.5±0.2 1.6±0.3 7.4-0.4 5.8+0.25
3-
0.2
1.4+0.1
4.4-0.2
2.8+0.2 1.43 7.0
10.0
70
460 min
(HQ2K)
P0905 6.5±0.25 2±0.2
9.3-0.3 7.5+0.25 39-
0.2
2.1±0.1
5.4-0.3
3.6+0.3 1.25 9.8
12.2 120
820 min
(HQ2K)
P1107 6.8±0.25 2.2±0.3 11.3-0.4
9+0.4
4.7-
0.2
2.1±0.1 6.3+0.3 4.4+0.3 1.00 15.9 15.9 252
1070
min
(HQ2K)
P1408 9.5±0.3 2.7±1.2 14.3-0.5 11.5+0.5
6-
0.2
3.1±0.1 8.2+0.3 5.6+0.4 0.80 25.0 20.0 500
1390
min
(HQ2K)
P1811 13.4±0.3 3.8±0.6 18.4-0.8 14.9+0.5
7.6-
0.3
3.1±0.1 10.6±0.2 7.2+0.4 0.60 43.0 25.9 1120
1970
min
(HQ2K)
P2213 15±0.4 3.8±0.6
22-0.8
17.9+0.6
9.4-
0.3
4.4+0.3 13.2±0.2 9.2±0.4 0.50 63.0 31.6 2000
2340
min
(HQ2K)
P2616 18±0.4 3.8±0.6 25.5±0.5 21.2+0.8
11.5-
0.4
5.4+0.2
16±0.2
11+0.4 0.40 93.0 37.2 3460
2970
min
(HQ2K)
P3019 20.5±0.5 4.3±0.6 30±0.5
25+0.8
13.5-
0.4
5.4+0.2 18.8±0.2 13+0.4 0.33 136 45.0 6100
3840
min
(HQ2K)
P3622 26.2±0.6 4.9±0.6 36.2±1.2 29.9+1
16.2-
0.6
5.4+0.2 21.7±0.3 14.6+0.4 0.26 202 52.0 10600
5200
min
(HQ2K)
P4229
-
7.0±0.5 66.3±1.2 53.5±2
28.8-
1.2 6.35+0.3 55.8±0.4 42+0.8 0.22 249 62.1 15880
6000
min
(HQ2K)
P4830
-
8.0
48.5-2.1 39.6+2.2
20.2-
1.0 5.20+0.5 11.6+0.1 10.6+0.6 0.22 337.8 73.2 24730
6800
min
(HQ2K)
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : magnetcom@gmail.com sales@magnet-tech.com


Similar Part No. - P1811

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P1810ATX UNIKC-P1810ATX Datasheet
341Kb / 5P
   N-Channel Enhancement Mode MOSFET
logo
API Delevan
P1812 API-P1812 Datasheet
32Kb / 1P
   Surface Mount Power Inductors
P1812-102K API-P1812-102K Datasheet
32Kb / 1P
   Surface Mount Power Inductors
P1812-102K API-P1812-102K Datasheet
1Mb / 1P
   Surface Mount Power Inductors
P1812-103K API-P1812-103K Datasheet
32Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - P1811

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
5678362321 FAIR-RITE-5678362321 Datasheet
516Kb / 1P
   Pot Cores
5695140921 FAIR-RITE-5695140921 Datasheet
516Kb / 1P
   Pot Cores
5678110821 FAIR-RITE-5678110821 Datasheet
515Kb / 1P
   Pot Cores
5695110821 FAIR-RITE-5695110821 Datasheet
514Kb / 1P
   Pot Cores
5695302021 FAIR-RITE-5695302021 Datasheet
516Kb / 1P
   Pot Cores
5698110821 FAIR-RITE-5698110821 Datasheet
515Kb / 1P
   Pot Cores
5698221421 FAIR-RITE-5698221421 Datasheet
516Kb / 1P
   Pot Cores
5698362321 FAIR-RITE-5698362321 Datasheet
516Kb / 1P
   Pot Cores
5678261721 FAIR-RITE-5678261721 Datasheet
516Kb / 1P
   Pot Cores
5695090621 FAIR-RITE-5695090621 Datasheet
515Kb / 1P
   Pot Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com