Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

567LMX200M2BH Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 567LMX200M2BH
Description  105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

567LMX200M2BH Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  567LMX200M2BH Datasheet HTML 1Page - Illinois Capacitor, Inc. 567LMX200M2BH Datasheet HTML 2Page - Illinois Capacitor, Inc. 567LMX200M2BH Datasheet HTML 3Page - Illinois Capacitor, Inc. 567LMX200M2BH Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
138
®
LMX
STANDARD PART LISTING
+ 105°C 5000 hour
Snap-Mount Aluminum
Electrolytic Capacitors
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
330
200 337LMX200M2BE
0.754
1.2
22x35
330
200 337LMX200M2CD
0.754
1.21
25x30
330
250 337LMX250M2BE
0.754
1.19
22x35
330
250 337LMX250M2BF
0.754
1.26
22x40
330
250 337LMX250M2CD
0.754
1.2
25x30
330
250 337LMX250M2CE
0.754
1.28
25x35
330
250 337LMX250M2DC
0.754
1.24
30x25
330
400 337LMX400M2DF
0.754
1.51
30x40
330
400 337LMX400M2DH
0.754
1.66
30x50
330
400
337LMX400M2EE
0.754
1.56
35x35
330
400
337LMX400M2EF
0.754
1.65
35x40
330
450 337LMX450M2DH
0.754
1.65
30x50
330
450
337LMX450M2EF
0.754
1.64
35x40
330
450 337LMX450M2EG
0.754
1.72
35x45
390
200 397LMX200M2BE
0.638
1.31
22x35
390
200 397LMX200M2CD
0.638
1.32
25x30
390
200 397LMX200M2CE
0.638
1.4
25x35
390
200 397LMX200M2DC
0.638
1.37
30x25
390
250 397LMX250M2BF
0.638
1.37
22x40
390
250 397LMX250M2BG
0.638
1.44
22x45
390
250 397LMX250M2CE
0.638
1.39
25x35
390
250
397LMX250M2CF
0.638
1.47
25x40
390
250 397LMX250M2DD
0.638
1.45
30x30
390
250 397LMX250M2DE
0.638
1.54
30x35
390
400 397LMX400M2DG
0.638
1.72
30x45
390
400
397LMX400M2EE
0.638
1.7
35x35
390
400 397LMX400M2EG
0.638
1.88
35x45
390
450 397LMX450M2EG
0.638
1.87
35x45
470
200 477LMX200M2BF
0.529
1.52
22x40
470
200 477LMX200M2CD
0.529
1.45
25x30
470
200 477LMX200M2CE
0.529
1.54
25x35
470
200 477LMX200M2DC
0.529
1.5
30x25
470
200 477LMX200M2BG
0.529
1.61
30x30
470
200 477LMX200M2DG
0.529
1.6
22x45
470
250 477LMX250M2BH
0.529
1.66
22x50
470
250
477LMX250M2CF
0.529
1.61
25x40
470
250 477LMX250M2CG
0.529
1.7
25x45
470
250 477LMX250M2DD
0.529
1.59
30x30
470
250 477LMX250M2DE
0.529
1.69
30x35
470
250 477LMX250M2EC
0.529
1.63
35x25
470
400
477LMX400M2EF
0.529
1.97
35x40
470
400 477LMX400M2EH
0.529
2.16
35x50
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
560
200 567LMX200M2BG
0.444
1.75
22x45
560
200 567LMX200M2BH
0.444
1.83
22x50
560
200 567LMX200M2CE
0.444
1.68
25x35
560
200
567LMX200M2CF
0.444
1.78
25x40
560
200 567LMX200M2DD
0.444
1.76
30x30
560
200 567LMX200M2DE
0.444
1.87
30x35
560
250 567LMX250M2CG
0.444
1.85
25x45
560
250 567LMX250M2DE
0.444
1.85
30x35
560
250 567LMX250M2DF
0.444
1.95
30x40
560
250 567LMX250M2ED
0.444
1.91
35x30
560
400 567LMX400M2EG
0.444
2.26
35x45
680
200
687LMX200M2CF
0.366
1.96
25x40
680
200 687LMX200M2CH
0.366
2.16
25x50
680
200 687LMX200M2DD
0.366
1.94
30x30
680
200 687LMX200M2DE
0.366
2.06
30x35
680
200 687LMX200M2EC
0.366
1.98
35x25
680
250 687LMX250M2CH
0.366
1.94
25x50
680
250 687LMX250M2DF
0.366
2.15
30x40
680
250 687LMX250M2DG
0.366
2.26
30x45
680
250 687LMX250M2ED
0.366
2.1
35x30
820
200 827LMX200M2CG
0.303
2.27
25x45
820
200 827LMX200M2DE
0.303
2.26
30x35
820
200 827LMX200M2DF
0.303
2.39
30x40
820
200 827LMX200M2ED
0.303
2.33
35x30
820
250 827LMX250M2DG
0.303
2.49
30x45
820
250 827LMX250M2DH
0.303
2.6
30x50
820
250
827LMX250M2EE
0.303
2.45
35x35
1000
200 108LMX200M2DF
0.249
2.64
30x40
1000
200 108LMX200M2DG
0.249
2.78
30x45
1000
200
108LMX200M2EE
0.249
2.74
35x35
1000
250 108LMX250M2DP
0.249
3
30x55
1000
250
108LMX250M2EF
0.249
2.86
35x40
1200
200 128LMX200M2DG
0.207
3.04
30x45
1200
200 128LMX200M2DH
0.207
3.19
30x50
1200
200
128LMX200M2EF
0.207
3.17
35x40
1200
200 128LMX200M2EG
0.207
3.33
35x45
1200
250 128LMX250M2EH
0.207
3.44
35x50
1200
250
128LMX250M2EP
0.207
3.58
35x55
1500
200 158LMX200M2EG
0.166
3.72
35x45
1500
200 158LMX200M2EH
0.166
3.75
35x50
1500
250
158LMX250M2EP
0.166
4
35x55
1800
200 188LMX200M2EH
0.138
4.1
35x50


Similar Part No. - 567LMX200M2BH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
567LMX200M2BH ILLINOISCAPACITOR-567LMX200M2BH Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
567LMX200M2BH ILLINOISCAPACITOR-567LMX200M2BH Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 567LMX200M2BH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com