Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

158LMB160M2DG Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 158LMB160M2DG
Description  105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

158LMB160M2DG Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  158LMB160M2DG Datasheet HTML 1Page - Illinois Capacitor, Inc. 158LMB160M2DG Datasheet HTML 2Page - Illinois Capacitor, Inc. 158LMB160M2DG Datasheet HTML 3Page - Illinois Capacitor, Inc. 158LMB160M2DG Datasheet HTML 4Page - Illinois Capacitor, Inc. 158LMB160M2DG Datasheet HTML 5Page - Illinois Capacitor, Inc. 158LMB160M2DG Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
131
®
LMB
+ 105°C 3000 hour
Snap-Mount Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC
(SV)
µF
DxL(mm)
Convert to inches, divide by 25.4.
16
25
35
50
63
80
100
160
200
250
350
400
450
(20)
(32)
(44)
(63)
(79)
(100)
(125)
(200)
(250)
(300)
(400)
(450)
(500)
1000
22x25 22x25 22x30 25x45
25x50 35x40
25x25 25x25 30x35
30x35
35x25
35x30
1200
25x50
30x40 35x45
30x35
35x35
35x30
1500
22x25 22x30 22x35 22x40 30x45
35x45 35x50
25x25 25x30 25x35 35x35
30x25 30x25
1800
35x40
35x50
2200
22x25
22x30 22x35 22x50 25x45
25x25 25x30 25x35 30x35
30x25 30x30
35x25
3300
22x25
22x25
22x35 22x45 25x45 30x45
25x25
25x30 25x35 30x35 35x35
30x25 30x30 35x30
35x25
4700
22x25
22x25
22x35
22x45 25x50 30x50 35x45
25x25
25x25
25x35 30x35 35x40
30x25
30x30 35x30
35x25
6800
22x25
22x30
22x40
25x45 30x45 35x50
25x30
25x25
25x35
30x35 35x40
30x25
30x30
35x30
35x25
10000
22x30
22x40
25x45
30x45 35x50
25x25
25x35
30x35
35x40
30x25
30x30
35x30
35x25
15000
25x35
25x45
30x45
35x50
30x30
30x35
35x40
35x30
22000
30x35
30x45
35x30
35x35
33000
35x35
35x50
4.0
±1.0
10.0
Cathode
L
Case Vent
Insulator
P.V.C. Sleeve
10.0
±0.1
2.0
± 0.1
P.C. Mounting
Specifications
D1
D1=D+1.0 mm Max.
L1=L + 2.0 mm Max.
S1=10 ± .1mm
L1
3 and 4 pin mounting styles available on special order. Contact I.C. for details


Similar Part No. - 158LMB160M2DG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
158LMB160M2DG ILLINOISCAPACITOR-158LMB160M2DG Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
158LMB160M2DG ILLINOISCAPACITOR-158LMB160M2DG Datasheet
133Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 158LMB160M2DG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com