Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106MHBA03K2J Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 106MHBA03K2J
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106MHBA03K2J Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  106MHBA03K2J Datasheet HTML 1Page - Illinois Capacitor, Inc. 106MHBA03K2J Datasheet HTML 2Page - Illinois Capacitor, Inc. 106MHBA03K2J Datasheet HTML 3Page - Illinois Capacitor, Inc. 106MHBA03K2J Datasheet HTML 4Page - Illinois Capacitor, Inc. 106MHBA03K2J Datasheet HTML 5Page - Illinois Capacitor, Inc. 106MHBA03K2J Datasheet HTML 6Page - Illinois Capacitor, Inc. 106MHBA03K2J Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
3
700
305MHBA06K4H
110
7.9
11.5
32x33x18
3
800
305MHBA01K4H
120
7.1
13.5
32x37x22
3.3
600 335MHBA02K4H
90
8
11.5
32x33x18
4
600 405MHBA02K4H
90
7
12.5
32x33x18
4
700
405MHBA06K4H
110
6.7
13.5
32x37x22
5
500
505MHBA03K4H
70
8
11
32x33x18
5
600
505MHBA02K4H
90
6.3
13.5
32x37x22
5
800
505MHBA01K4J 82.5
5.9
15.5
42.5x37x28
6.8
370 685MHBA04K4H
55
7.6
12
32x33x18
6.8
500
685MHBA03K4H
70
7
13.5
32x37x22
8
700
805MHBA06K4J
75
5.2
16
42.5x37x28
8
800
805MHBA01K4J 82.5
4.1
19.5
42.5x45x30
10
370 106MHBA04K4H
55
5.3
15
32x37x22
10
500
106MHBA03K4J 47.5
6.1
13.5
42.5x33.5x22
10
600
106MHBA02K4J
60
4.8
16.5
42.5x37x28
10
700
106MHBA06K4J
75
4.7
18.5
42.5x45x30
10
800
106MHBA01K4R
55
5.3
18.5
57.5x45x30
12.5
800
126MHBA01K4R
55
4.8
20
57.5x45x30
4 Lead Construction
PART
NUMBER
WVDC
Capacitance
(µF)
L x H x T
(mm)
dv/dt
(V/µs)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
15
370 156MHBA02K4J
60
3.8
20
42.5x45x30
15
370
156MHBA04K4J 37.5
5.1
14
42.5x30x22
15
500 156MHBA03K4J 47.5
4.8
16.5
42.5x37x28
15
700 156MHBA06K4R
50
4.8
19.5
57.5x45x30
15
800 156MHBA01K4R
55
4.4
22
57.5x50x35
20
600 206MHBA02K4R
40
4.1
21
57.5x45x30
20
700 206MHBA06K4R
50
4.1
22.5
57.5x50x35
22
370
226MHBA04K4J 37.5
4.1
17.5
42.5x37x28
22
500 226MHBA03K4J
47.5
3.9
19.5
42.5x45x30
25
500 256MHBA03K4R 32.5
4.4
20
57.5x45x30
25
600 256MHBA02K4R
40
3.6
24
57.5x50x35
30
500 306MHBA03K4R 32.5
3.9
22
57.5x45x30
33
370 336MHBA04K4J 37.5
3.4
21.5
42.5x45x30
40
370 406MHBA04K4R
25
3.9
22
57.5x45x30
40
500 406MHBA03K4R 32.5
3.3
25
57.5x50x35
50
370 506MHBA04K4R
25
3.3
25
57.5x50x35
60
370 606MHBA04K4R
20
3
26
57.5x50x35
PART
NUMBER
WVDC
Capacitance
(µF)
L x H x T
(mm)
dv/dt
(V/µs)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
5
MHB
Radial Leaded Polypropylene
Film Capacitors
with Double Sided
Metallized Electrodes
STANDARD PARTS LISTING


Similar Part No. - 106MHBA03K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106MHBA03K2J ILLINOISCAPACITOR-106MHBA03K2J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 106MHBA03K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com