Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE12 Datasheet(PDF) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # EE12
Description  EE Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

EE12 Datasheet(HTML) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  EE12 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. EE12 Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
high Permeability core,winding core,EE8 core,EE11 core,EE10 core,EE12,EE13,EE5,EE6,EE16A,
06/12/2007 04:52:53 PM
AL:1kHz,0.5mA,100Ts
EE16B
16.0±0.4
12.4±0.3
5.1 +0
-0.4
4.0±0.2
11.7min
10.4±0.3
EE16C
16.0±0.3
7.2±0.1
4.8±0.2
3.8±0.2
10.0±0.3
5.2±0.25
EE16D
16.1±0.6
8.05±0.15
4.5±0.2
4.55±0.15
12.0±0.3
5.9±0.2
EEL19
19.0±0.3
13.65±0.25
4.85±0.25
4.85±0.25
14.0±0.3
11 .4±0.25
EEL25.4
25.4±0.4
10.00±0.4
6.35±0.3
6.35±0.3
18.6±0.3
12.7±0.3
EE19A
19.0±0.4
8.0±0.3
5.0 +0.1
-0.5
5.0 +0
-0.5
13.7
5.6 +0.4
-0.1
EE19B
19.0±0.4
13.6±0.3
5.1 +0
-0.5
5.1 +0
-0.5
13.5
11.3±0.3
EE19C
19.1±0.3
8.0±0.3
4.8±0.3
4.8±0.3
14.0min
5.7±0.2
EE20A
20.5±0.7
10.7±0.3
7.0±0.4
5.0±0.4
14.0min
7.0±0.3
EE22
22.0±0.4
10.0 +0.6
-0
5.5±0.3
4.0±0.2
17.0 m in
7.5 +0.4
-0
EE25A
25.6±0.5
10.0±0.3
6.35±0.3
6.35±0.3
18.8min
6.8±0.25
EE25.4
25.4±0.75
15.85±0.3
6.30±0.3
6.50±0.2
18.7min
6.60±0.40
EE25F
25.0±0.4
10.0±0.2
6.55±0.3
6.55±0.3
18.6±0.3
6.8±0.15
EE35A
35.0±0.6
14.6±0.3
9.2±0.3
9.4±0.3
24.8
9.8±0.3
Type
Core parameter
weight (g/pr.)
AL(nH/N²)
C1
(mm
-1)
Ae
(mm
2)
Ie
(mm)
Ve
(mm
3)
F5(±25%)
F7(±25%)
F10(±25%)
EE5
4.78
2.63
12.6
33.1
0.16
450
530
950min
EE6
3.70
3.31
12.2
40.4
0.24
600
760
1275min
EE8
2.4
8.0
19.2
153.2
1.0
850min
1275 min
EE8A
2.75
7.0
19.2
134
0.7
900
1100
1520 min
EE10
2.2
12.1
26.1
315
1.8
1125min
1688min
EE10A
2.46
10.6
26.1
276
1.6
870 min
EE11
2.21
12.3
27.2
334
1.7
970min
EE12
3.0
7.92
23.2
182.9
3.8
1400 min
2100min
EE13
1.7
17.0
30.3
517.0
3.6
1600 min
3100min
EE13A
1.88
16.0
30.3
487
2.4
1750
2200
EE13B
2.18
13.8
30.1
416
2.7
1000
EE16A
1.82
19.2
35.0
672.0
4.0
2000 min
3500 min
EE16B
2.84
19.4
55.0
1067
6.2
1800 min
2600 min
EE16C
1.92
18.4
35.5
655
3.2
1900
2300
EE16D
1.93
19.5
37.7
737
3.7
2000
2600
EEL19
2.65
23.4
62.1
1450
7.2
1550
2050
EEL25.4
1.82
40.4
73.4
2963
15.0
2500
EE19A
1.68
23.3
39.2
914.2
4.8
2400 min
3600 min
EE19B
2.64
23.4
61.7
1443
7.1
1750 min
2450 min
EE19C
1.74
22.8
39.6
903
4.6
1730min
EE22
1.2
38.7
47.1
1825
9.0
2400min
3800 min
EE25A
1.23
40.3
49.7
2003
10
4000min
5600 min
EE20A
1.21
39.0
47.1
1840
9.9
2340min
EE25.4
1.08
44.5
47.9
2130
10.9
2630min
EE25F
1.17
42.2
49.4
2080
10
3550
4450
EE35A
0.85
90.34
69.5
6276.3
31
5600min
7500min
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : magnetcom@gmail.com sales@magnet-tech.com


Similar Part No. - EE12

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE128 YUXIANG-EE128 Datasheet
105Kb / 2P
   Large Size Ferrite Cores
More results

Similar Description - EE12

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1361 RENCO-RL-1361 Datasheet
1Mb / 3P
   COMMON MODE CHOKES EE CORE DESIGN
logo
EPCOS
B82801A EPCOS-B82801A_12 Datasheet
508Kb / 9P
   SMT current sense transformers EE 4.2 core
logo
Omron Electronics LLC
EE-SX3088 OMRON-EE-SX3088 Datasheet
637Kb / 4P
   EE-SX3088
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
logo
ERNI Electronics
100101180003 ERNI-100101180003 Datasheet
48Kb / 1P
   SVA 10-polig EE Power Bug 10 pin EE
100102710002 ERNI-100102710002 Datasheet
45Kb / 1P
   SVA 10-polig EE Power Bug 10 pin EE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com