Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE90 Datasheet(PDF) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # EE90
Description  Large Size Ferrite Cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

EE90 Datasheet(HTML) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  EE90 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. EE90 Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MnZn Power Material
EE128 core
85.0 +3.0
-2.0
63.0±1.0
20.0±1.0
40.0±2.0
89.0
43.0 +1.0
-0.5
EE160 core
162.0±2.5
83.0±1.0
20.0±1.5
40.0±2.0
120.0
64.0±1.0
EE185 core
185.0±3.5
77.0±1.5
27.5±1.0
53.0±1.0
128.0
50.0±1.5
EE320 core
320.0±5.0
125.0±0.5
20.0±2.0
100.0±2.5
217.0
75.0±1.5
Type
Core parameter
weight(g/pr.)
Al(nH/N2)
C1
(mm-1)
Ae
(mm2)
Ie
(mm)
Ve
(mm3)
F2B1
(±25%)
Pc(W)
EE85A core
0.264
714
188
134000
675
8300
2.7
EE85B core
0.220
859
189
162000
810
10000
3.24
EE90 core
0.337
419
141
59100
292
5760
11.82
EE110 core
0.191
1280
244
312000
1560
8000
6.24
EE118 core
0.328
1240
407
505000
2290
7000
10.1
EE128 core
0.352
1600
284
454000
2200
12000
4.6
EE160 core
0.498
1600
398
637000
3200
9000
6.4
EE185 core
0.24
1488
370
551000
2800
1200
11.0
EE320 core
0.289
2000
577
115000
5952
8000
23.08
Al:1kHz,0.5mA,100Ts
file:///D|/hong/magnet-tech/wwwroot/product/MnZn/mnzn_power_ferrite/EE_2.htm (2 of 2)2006-2-13 14:54:15
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:F16, Jinyuan plaza, # 57 South hubin, Xiamen, 361004 China.
Tel : (86)592 2295387 (86)592 2217138
Fax: (86)592 2207122
Email : magnetcom@gmail.com sales@magnet-tech.com


Similar Part No. - EE90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE92251B1-0000-A99 ETC-EE92251B1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
EE92251B2-0000-999 ETC-EE92251B2-0000-999 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
EE92251B3-0000-999 ETC-EE92251B3-0000-999 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
EE92251BX-0000-A99 ETC-EE92251BX-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
EE92251S1-0000-A99 ETC-EE92251S1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
More results

Similar Description - EE90

ManufacturerPart #DatasheetDescription
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
TDK Electronics
B43652 TDK-B43652 Datasheet
1Mb / 15P
   Large-size capacitors
October 2021
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
PREMO CORPORATION S.L
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
logo
EPCOS
B41605 EPCOS-B41605 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
logo
PREMO CORPORATION S.L
SC-050-X PREMO-SC-050-X Datasheet
166Kb / 2P
   Common mode chokes with Ferrite cores-SMD format
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com