Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

406MER250K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 406MER250K
Description  Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

406MER250K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  406MER250K Datasheet HTML 1Page - Illinois Capacitor, Inc. 406MER250K Datasheet HTML 2Page - Illinois Capacitor, Inc. 406MER250K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MER
Metallized Polyester
MOTOR RUN/AC Film
Capacitors in Round Tubes
±10% at 1kHz, 20°C
±5%, +10%/-5% optional
Capacitance Tolerance
-25°C to +85°C
Load Life
AC Voltage
VAC
Dissipation Factor (tan
δ)
Construction
Electrodes
Certification
Vacuum deposited metal layers
Terminal to Terminal
250
350
400
450
500
600
Operating Temperature Range
Note VAC must be de-rated by 1.25% per °C exceeding 70°C
Insulation Resistance
@20°C (<70% RH)for 1 minute at
100VDC applied
160% VAC for 60 Seconds and 20°C applied
between terminals
1000M
ΩxµF
Dielectric Strength
600 hours for class A (3000 hours of continuous service life)
Metallized Polyester film
1.0% Max at 1 kHz and 20°C
Terminal To Case
3KV at 60Hz for 60 Seconds applied between
terminals and case
125% of rated VAC at 70°C
Coating
Solvent resistant plastic case (UL 94V-0) with epoxy end fill ( UL 94V-0)
UL E311560
I Motor Run
I General Purpose AC
I UL/CSA 810 approved
I Motor Speed Controls
I Switching capacitor for industrial controls
SPECIFICATIONS
APPLICATIONS


Similar Part No. - 406MER250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
406ME-250K ILLINOISCAPACITOR-406ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
406ME-350K ILLINOISCAPACITOR-406ME-350K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
More results

Similar Description - 406MER250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MPR350KP ILLINOISCAPACITOR-105MPR350KP Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
105MP250K ILLINOISCAPACITOR-105MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com