Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

153LKP400M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 153LKP400M
Description  85째C Screw Terminal Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

153LKP400M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  153LKP400M Datasheet HTML 1Page - Illinois Capacitor, Inc. 153LKP400M Datasheet HTML 2Page - Illinois Capacitor, Inc. 153LKP400M Datasheet HTML 3Page - Illinois Capacitor, Inc. 153LKP400M Datasheet HTML 4Page - Illinois Capacitor, Inc. 153LKP400M Datasheet HTML 5Page - Illinois Capacitor, Inc. 153LKP400M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
WVDC
tan
δ
Dissipation Factor
120Hz, 25°C
I High ripple current
I High reiability
FEATURES
LKP
+85°C Screw
Terminal Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-40°C to +85°C(6.3V to 100V), -25°C to +85°C(160V to 450V)
±20% at 120 Hz, 25°C
Shelf life
1,000 hours at + 85°C with no voltage applied.
Units will meet load life specifications
I Capacitance range: 270µF to 680,000µF
I Voltage range: 6.3 WVDC to 450 WVDC
D=35
D=51
D=64
D=77
D=90
Load Life
For filtering applications
WVDC
60
120
1K
10k
100k
0.9
1.0
1.05
1.1
1.1
0.9
1.0
1.1
1.15
1.15
0.8
1.0
1.2
1.4
1.4
+65
+70
+85
1.8
1.6
1.0
1.8
1.6
1.0
1.8
1.6
1.0
Frequency (Hz)
6.3 to 35V
50 to 100V
160 to 450V
Temperature (°C)
.02CV or 5,000µA
whichever is less
2,000 hours at +85°C with rated WVDC
Capacitors will meet the requirements listed below.
6.5
10
16
25
35
50
63
80
100 160 200 250 350 400 450
.75
.75
.6
.4
.3
.25
.2
.2
.15
.15
.15
.2
.2
.2
.2
1.0
1.0
.7
.5
.5
.3
.25
.2
.2
.15
.15
.15
.2
.2
.2
1.3
1.3
.8
.7
.6
.5
.3
.25
.25
.2
.2
.2
.25
.25
.25
1.5
1.5
1.0
.8
.7
.6
.4
.3
.25
.2
.2
.2
.25
.25
.25
1.5
1.5
1.0
.8
.7
.6
.4
.3
.25
.2
.2
.2
.25
.25
.25
Leakage Current
WVDC
Time
Impedance Ratio
120Hz
WVDC
-
25°C/+25°C
-
40°C/+25°C
≤450 WVDC
6.3 to 100
160 to 450
5 minutes
12
8
Capacitance change
Dissipation factor
Leakage current
≤ 15% of initial measured value
≤175% of initial specified value
≤ 100% of specified value
Ripple Current
Multipliers
12
®


Similar Part No. - 153LKP400M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
153L ETC2-153L Datasheet
261Kb / 2P
   D.C. Filter (153-159 Series)
logo
Hammond Manufacturing L...
153L HAMMOND-153L Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
logo
Illinois Capacitor, Inc...
153LRP035M ILLINOISCAPACITOR-153LRP035M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
153LRP050M ILLINOISCAPACITOR-153LRP050M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
153LRP063M ILLINOISCAPACITOR-153LRP063M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 153LKP400M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A472NJ400 KEMET-ALS30A472NJ400 Datasheet
529Kb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com