Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477LMU450M2EH Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 477LMU450M2EH
Description  105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477LMU450M2EH Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  477LMU450M2EH Datasheet HTML 1Page - Illinois Capacitor, Inc. 477LMU450M2EH Datasheet HTML 2Page - Illinois Capacitor, Inc. 477LMU450M2EH Datasheet HTML 3Page - Illinois Capacitor, Inc. 477LMU450M2EH Datasheet HTML 4Page - Illinois Capacitor, Inc. 477LMU450M2EH Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PART
NUMBER
WVDC
Maximum
ESR
m
120Hz,+20°C
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
PART
NUMBER
WVDC
Maximum
ESR
m
120Hz,+20°C
Dimensions
DxL
(mm)
Capacitance
(µF)
LMU
+ 105°C Long Life
Snap-Mount Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Capacitance
(µF)
47
450 476LMU450M2BC 7054.740
0.32
22x25
68
350 686LMU350M2BC 4876.071
0.34
22x25
68
400 686LMU400M2BC 3657.053
0.51
22x25
68
450 686LMU450M2BD 4876.071
0.42
22x30
68
450
686LMU450M2CC 4876.071
0.42
25x25
100
200 107LMU200M2BA 1657.864
0.45
22x20
100
350 107LMU350M2BD 3315.728
0.44
22x30
100
350 107LMU350M2CC 3315.728
0.44
25x25
100
400 107LMU400M2BD 2486.796
0.64
22x30
100
400 107LMU400M2BE 3315.728
0.52
22x35
100
400 107LMU400M2CC 2486.796
0.67
25x25
100
400 107LMU400M2CD 3315.728
0.52
25x30
100
400 107LMU400M2DC 3315.728
0.54
30x25
100
450 107LMU450M2BF 3315.728
0.58
22x40
100
450 107LMU450M2CD 3315.728
0.55
25x30
100
450 107LMU450M2DC 3315.728
0.57
30x25
150
250 157LMU250M2BC 1105.243
0.7
22x25
150
350 157LMU350M2BE 1657.864
0.66
22x35
150
350 157LMU350M2CD 1657.864
0.83
25x30
150
350 157LMU350M2DC 1657.864
0.83
30x25
150
400 157LMU400M2BF 1657.864
0.82
22x40
150
400 157LMU400M2CE 1657.864
0.84
25x35
150
400 157LMU400M2DC 1657.864
0.84
30x25
150
450 157LMU450M2CF 1657.864
0.75
25x40
150
450 157LMU450M2DD 1657.864
0.74
30x30
150
450 157LMU450M2EC 1657.864
0.75
35x25
220
200 227LMU200M2BC
753.575
0.82
22x25
220
250 227LMU250M2BD
753.575
0.9
22x30
220
250 227LMU250M2CC
753.575
0.9
25x25
220
350 227LMU350M2BH 1130.362
1.05
22x50
220
350 227LMU350M2CF 1130.362
1.04
25x40
220
350 227LMU350M2DD 1507.149
0.78
30x30
220
350 227LMU350M2EC 1130.362
1.04
35x25
220
400 227LMU400M2CG 1130.362
1.07
25x45
220
400 227LMU400M2DE 1130.362
1.06
30x35
220
400 227LMU400M2ED 1130.362
1.08
35x30
220
450 227LMU450M2CH 1507.149
1.01
25x50
220
450 227LMU450M2DF 1507.149
1.02
30x40
220
450 227LMU450M2ED 1507.149
0.98
35x30
220
450 227LMU450M2FC 1507.149
0.98
40x25
330
160 337LMU160M2BC
502.383
1
22x25
Dimensions
DxL
(mm)
330
200 337LMU200M2CC
502.383
1.1
25x25
330
250 337LMU250M2BE
753.575
1.19
22x35
330
250 337LMU250M2BF
502.383
1.2
22x40
330
250 337LMU250M2CD
753.575
1.2
25x30
330
250 337LMU250M2DC
502.383
1.2
30x25
330
350 337LMU350M2CH
753.575
1.23
25x50
330
350 337LMU350M2DF
753.575
1.34
30x40
330
350 337LMU350M2ED
753.575
1.33
35x30
330
350
337LMU350M2EE
1004.766
1.11
35x35
330
350 337LMU350M2FD
1004.766
1.12
40x30
330
400 337LMU400M2DG
753.575
1.39
30x45
330
400
337LMU400M2EE
753.575
1.35
35x35
330
400
337LMU400M2EF
1004.766
1.28
35x40
330
400 337LMU400M2FD
1004.766
1.21
40x30
330
450 337LMU450M2DH
1004.766
1.37
30x50
330
450
337LMU450M2EF
1004.766
1.35
35x40
330
450
337LMU450M2FE
1004.766
1.37
40x35
470
160 477LMU160M2BE
352.737
1.3
22x35
470
160 477LMU160M2CC
352.737
1.3
25x25
470
200 477LMU200M2BF
352.737
1.4
22x40
470
200 477LMU200M2CD
352.737
1.4
25x30
470
200 477LMU200M2CE
352.737
1.47
25x35
470
200 477LMU200M2DC
529.106
1.5
30x25
470
250 477LMU250M2BH
529.106
1.66
22x50
470
250 477LMU250M2CF
352.737
1.4
25x40
470
250 477LMU250M2DD
352.737
1.4
30x30
470
250 477LMU250M2DE
352.737
1.86
30x35
470
250 477LMU250M2EC
352.737
1.4
35x25
470
350
477LMU350M2EF
529.106
1.69
35x40
470
350
477LMU350M2FE
705.474
1.41
40x35
470
400 477LMU400M2EG
529.106
1.74
35x45
470
400 477LMU400M2EH
705.474
1.67
35x50
470
450 477LMU450M2EH
705.474
1.76
35x50
470
450
477LMU450M2FF
705.474
1.71
40x40
560
200 567LMU200M2BG
444.071
1.75
22x45
560
200 567LMU200M2CE
444.071
1.68
25x35
560
200 567LMU200M2CF
296.047
1.67
25x40
560
250 567LMU250M2CG
444.071
1.85
25x45
560
250 567LMU250M2DE
444.071
1.85
30x35
560
250 567LMU250M2EC
444.071
1.78
35x25
560
350 567LMU350M2EG
444.071
1.9
35x45


Similar Part No. - 477LMU450M2EH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477LMU450M2EG ILLINOISCAPACITOR-477LMU450M2EG Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
More results

Similar Description - 477LMU450M2EH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com