Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474MARA02KG Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 474MARA02KG
Description  Axial Leaded Metallized Polypropylene Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474MARA02KG Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  474MARA02KG Datasheet HTML 1Page - Illinois Capacitor, Inc. 474MARA02KG Datasheet HTML 2Page - Illinois Capacitor, Inc. 474MARA02KG Datasheet HTML 3Page - Illinois Capacitor, Inc. 474MARA02KG Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
200
®
-40˚C to +85˚C
MAR
Axial Leaded
Metallized Polypropylene
Film
Operating Temperature Range
Capacitance Tolerance
+/- 10% at 1kHz, 25˚C, ±5% optional
Dissipation Factor (max)
(tan
δ)at 1 kHz and 25°C
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Self inductance
<1nH/mm of body length and lead wire length.
Dielectric Strength
370
500
600
700
800
470
625
750
875
1050
160
275/320
320/400
400/440
400/450
WVDC
SVDC
VAC
WVDC
VAC
Hours
Peak, AC voltage
(50/60 Hz)
Freq (kHz)
C
≤2.5µF
2.5µF<C
≤20µF
C>20µF
1
.0007
.0012
.0016
15000 M
ΩxµF for C≤1µF
3000M
ΩxµF for C>1µF
Terminal to terminal
Terminal to case
200% of VAC applied between
terminals for 10 Seconds and 25°C
3kVAC applied for 10 seconds between
terminals and case
56 Days with no voltage applied at +40C and 93%(+2%) relative humididty
Capacitance Change
<+2% of initially measured value
Dissipation Factor
Insulation Resistance
<.001 at 1kHz
≥50% of minimum specified value
Reliability
Damp Heat
370
500
600
700
800
160
10000
200
1000
275
10000
320
1000
320
10000
400
3000
400
10000
440
1000
440
1000
500
1000
Failure Quota
Construction
Coating
Lead Terminations
500/109 component hours
Metallized Film
Lead Free Tinned Copper Leads
Flame Retardant Polyester Tape Wrap (UL510) with Epoxy End Fill (UL-94V0)
I Small Size
I Good DVDT
I Medium Current
I General Purpose
FEATURES
I Motor Run
I Switching Power Supplies
I Motor Speed Control
APPLICATIONS


Similar Part No. - 474MARA02KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474MARA02KG ILLINOISCAPACITOR-474MARA02KG Datasheet
441Kb / 4P
   Axial Leaded Polypropylene Film
474MARA02KG ILLINOISCAPACITOR-474MARA02KG Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
More results

Similar Description - 474MARA02KG

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
224MARA01KG ILLINOISCAPACITOR-224MARA01KG_13 Datasheet
441Kb / 4P
   Axial Leaded Polypropylene Film
logo
Cornell Dubilier Electr...
936 CDE-936 Datasheet
521Kb / 2P
   Axial Leaded Metallized Polypropylene Capacitor
936C CDE-936C Datasheet
521Kb / 2P
   Axial Leaded Metallized Polypropylene Capacitor
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com