Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

478CKE6R3M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 478CKE6R3M
Description  105째C General Purpose Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

478CKE6R3M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  478CKE6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 478CKE6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc. 478CKE6R3M Datasheet HTML 3Page - Illinois Capacitor, Inc. 478CKE6R3M Datasheet HTML 4Page - Illinois Capacitor, Inc. 478CKE6R3M Datasheet HTML 5Page - Illinois Capacitor, Inc. 478CKE6R3M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
55
®
CKE/CKH
+ 105°C General
Purpose Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
-
+
PVC SLEEVE
d
S1
L
L
19.0 MIN
15.0 MIN
L1=L + 1.5 mm Max.
D1=D+B Max.
S1=S±0.5 mm
L1
D1
NOTE: Case Vent is standard on all diameter
≥8.0mm
35
(44)
25
(32)
16
(20)
10
(13)
6.3
(7.9)
50
(63)
63
(79)
100
(125)
160
(200)
250
(300)
350
(400)
400
(450)
450
(500)
WVDC
(SV)
(µF)
200
(250)
10x20
12.5x20 12.5x25
16x25
18x31.5
10x16
10x16
10x21
12.5x25
16x25
16x31.5 18x35.5
10x20
12.5x20
16x25
16x31.5 16x35.5
12.5x25
18x35.5
10x20
12.5x20 12.5x25
16x25
16x31.5 18x35.5
16x25
16x31.5 16x35.5
18x35.5
12.5x20 12.5x25
16x25
16x25
16x35.5
16x25
16x31.5 16x31.5 18x35.5
18x31.5
12.5x25
16x25
16x25
16x35.5
18x40
16x31.5 18x35.5
16x25
16x31.5 16x35.5
18x40
16x31.5 18x35.5 18x31.5
16x31.5 16x35.5
18x40
16x35.5 18x35.5
18x35.5
18x40
18x40
DxL(mm)
Convert to inches, divide by 25.4.
1500
2200
3300
4700
6800
10000
15000
22000
LEAD INFORMATION V.S. CASE DIAMETER


Similar Part No. - 478CKE6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
478CKE010M ILLINOISCAPACITOR-478CKE010M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
478CKE010M ILLINOISCAPACITOR-478CKE010M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
478CKE010M ILLINOISCAPACITOR-478CKE010M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
478CKE010M ILLINOISCAPACITOR-478CKE010M Datasheet
133Kb / 1P
   Radial Lead General Purpose
478CKE016M ILLINOISCAPACITOR-478CKE016M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 478CKE6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
   105째C ALUMINUM ELECTROLYTIC
logo
Illinois Capacitor, Inc...
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com