Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

157LMX450M2ED Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 157LMX450M2ED
Description  105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157LMX450M2ED Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  157LMX450M2ED Datasheet HTML 1Page - Illinois Capacitor, Inc. 157LMX450M2ED Datasheet HTML 2Page - Illinois Capacitor, Inc. 157LMX450M2ED Datasheet HTML 3Page - Illinois Capacitor, Inc. 157LMX450M2ED Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
136
®
LMX
+ 105°C 5000 hour
Snap-Mount Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC
(SV)
µF
DxL(mm)
Convert to inches, divide by 25.4.
200
250
400
450
(250)
(300)
(450)
(500)
47
22x25
56
22x25
22x30
68
22x25
22x30
22x35
25x25
82
22x25
22x30
22x30
22x35
25x25
25x30
100
22x30
22x35
22x35
22x40
25x25
25x30
25x30
25x35
30x25
120
22x35
22x40
22x40
22x50
25x30
25x35
25x35
25x40
30x25
30x25
30x30
35x25
150
22x25
22x40
22x50
22x45
25x40
25x30
25x45
25x40
30x30
30x25
30x35
30x30
35x30
180
22x25
22x45
25x45
22x30
22x50
30x35
25x25
25x35
30x40
25x40
35x30
30x30
30x35
35x25
220
22x25
22x30
22x50
30x40
22x35
25x40
30x45
25x30
25x50
35x30
30x30
35x35
30x35
35x30
270
22x30
22x30
25x45
30x45
25x25
22x35
30x35
30x50
25x25
30x45
35x35
25x30
35x30
35x40
35x35
WVDC
(SV)
µF
200
250
400
450
(250)
(300)
(450)
(500)
330
22x30
22x35
30x40
30x50
22x35
22x40
30x50
35x40
25x25
25x30
35x35
35x45
25x30
25x35
35x40
30x25
390
22x35
22x40
25x30
22x45
30x45
35x45
25x35
25x35
35x35
30x25
25x40
35x45
30x30
30x35
470
22x40
22x50
35x40
22x45
25x40
35x50
25x30
25x45
25x35
30x30
30x25
30x35
30x30
35x25
560
22x45
25x45
35x45
22x50
30x35
25x35
30x40
25x40
35x30
30x30
30x35
680
25x40
25x50
25x50
30x40
30x30
30x45
30x35
35x30
35x25
820
25x45
30x45
30x35
30x50
30x40
35x35
35x30
1000
30x40
30x55
30x45
35x40
35x35
1200
30x45
35x50
30x50
35x55
35x40
35x45
1500
35x45
35x55
35x50
1800
35x50
4.0
±1.0
L
Case Vent
Insulator
P.V.C. Sleeve
D1
L1
10.0
±0.1
2.0
± 0.1
P.C. Mounting
Specifications
D1=D+1.0 mm Max.
L1=L + 2.0 mm Max.
S1=10 ± .1mm
10.0
Cathode
3 and 4 pin mounting styles
available on special order.
Contact I.C. for details


Similar Part No. - 157LMX450M2ED

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157LMX450M2ED ILLINOISCAPACITOR-157LMX450M2ED Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
157LMX450M2ED ILLINOISCAPACITOR-157LMX450M2ED Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
157LMX450M2ED ILLINOISCAPACITOR-157LMX450M2ED Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 157LMX450M2ED

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com