Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

273LRP080M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 273LRP080M
Description  105째C Screw Terminal Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

273LRP080M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  273LRP080M Datasheet HTML 1Page - Illinois Capacitor, Inc. 273LRP080M Datasheet HTML 2Page - Illinois Capacitor, Inc. 273LRP080M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
1000
35x50
35x60
35x70
1500
35x60
35x70
35x90
2200
35x60
35x70
35x90
51x70
3300
35x60
35x90
51x80
51x90
4700
35x70
51x80
51x90
5600
35x90
51x90
6800
35x70
51x70
8200
35x60
35x80
51x80
10000
35x70
35x90
51x90
15000
35x60
35x80
51x70
51x90
18000
51x70
22000
35x50
35x60
35x80
51x70
51x90
27000
51x90
33000
35x50
35x60
35x80
51x70
51x90
40000
51x90
47000
35x60
35x80
35x90
51x80
56000
35x70
35x90
51x70
51x90
68000
35x80
51x70
51x90
100000
51x70
51x90
150000
51x90
10
16
25
35
50
63
80
100
160
200
250
(13)
(20)
(32)
(44)
(63)
(79)
(100)
(125)
(200)
(250)
(300)
LRP
Convert to inches, divide by 25.4.
µF
W3
W5
W4
W2
± 1
W1
± 1
ØD+1(max)
120
°
120
°
120
°
Safety
Vent
Safety
Vent
P
±1
Bolt
Bolt
Screw
Terminal
Case
Sleeve
Plate
MountingClamp
D = 35mm
Sleeve
Plate
Case
Mounting Clamp
L+2(max)
L+2(max)
W3
W5
W4
Screw
Terminal
D = 51, 64, 77, 90
DxL(mm)
ØD
35
51
W1
24.0
32.5
W2
30.0
37.5
W3
7.0
4.5
W4
3.5
7.0
W5
10.0
13.0
P
12.7
21.8
6.5
6.5
Bolt
M5
M5
WVDC
(SV)
+105°C Screw
Terminal Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS


Similar Part No. - 273LRP080M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
273LKP025M ILLINOISCAPACITOR-273LKP025M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
273LKP035M ILLINOISCAPACITOR-273LKP035M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
273LKP050M ILLINOISCAPACITOR-273LKP050M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
273LKP063M ILLINOISCAPACITOR-273LKP063M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
273LKP080M ILLINOISCAPACITOR-273LKP080M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 273LRP080M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com