Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

128KXM6R3MLQ Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 128KXM6R3MLQ
Description  105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

128KXM6R3MLQ Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  128KXM6R3MLQ Datasheet HTML 1Page - Illinois Capacitor, Inc. 128KXM6R3MLQ Datasheet HTML 2Page - Illinois Capacitor, Inc. 128KXM6R3MLQ Datasheet HTML 3Page - Illinois Capacitor, Inc. 128KXM6R3MLQ Datasheet HTML 4Page - Illinois Capacitor, Inc. 128KXM6R3MLQ Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
74
®
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
Dimensions
DxL
(mm)
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
Dimensions
DxL
(mm)
Impedance
+20°C/-10°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Impedance
+20°C/-10°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
KXM
STANDARD PART LISTING
+105°C Low
Impedance Radial
Aluminum Electrolytic
Capacitors
3300
10
338KXM010M
0.126
0.018/0.045
2770
12.5x25
3300
16
338KXM016M
0.111
0.015/0.039
3400
12.5x35.5
3300
16
338KXM016MQV
0.111
0.029/0.057
2200
16x25
3300
25
338KXM025M
0.100
0.027/0.054
3020
16x31.5
3300
35
338KXM035M
0.090
0.026/0.064
3650
18x35.5
3300
50
338KXM050M
0.080
0.023/0.046
4350
18x40
3900
6.3
398KXM6R3M
0.119
0.018/0.045
2770
12.5x25
3900
10
398KXM010M
0.106
0.016/0.041
3290
12.5x31.5
3900
16
398KXM016M
0.094
0.016/0.043
3460
16x25
4700
6.3
478KXM6R3M
0.106
0.016/0.041
3290
12.5x31.5
4700
10
478KXM010M
0.095
0.015/0.039
3400
12.5x35.5
4700
10
478KXM010MQV
0.095
0.025/0.051
2350
16x25
4700
16
478KXM016M
0.085
0.024/0.048
2670
16x31.5
4700
25
478KXM025M
0.078
0.023/0.046
3700
18x35.5
5600
6.3
568KXM6R3M
0.095
0.015/0.039
3400
12.5x35.5
5600
10
568KXM010M
0.086
0.016/0.043
3460
16x25
6800
6.3
688KXM6R3M
0.083
0.016/0.043
3460
16x25
6800
10
688KXM010M
0.076
0.023/0.045
2850
16x31.5
6800
16
688KXM016M
0.068
0.022/0.043
3280
18x35.5
10000
6.3
109KXM6R3M
0.055
0.022/0.043
3000
16x31.5
10000
10
109KXM010M
0.061
0.021/0.041
3430
18x35.5
10000
16
109KXM016M
0.060
0.019/0.039
3670
18x40
15000
6.3
159KXM6R3M
0.048
0.02/0.041
3610
18x35.5
15000
10
159KXM010M
0.052
0.019/0.039
3850
18x40
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
L1=L + 2.0 Max.
D1=D + 0.5 mm Max.
S1=S ± 0.5 mm Max.
NOTE: Case Vent is standard on all diameter
≥8.0mm
LEAD INFORMATION V.S. CASE DIAMETER


Similar Part No. - 128KXM6R3MLQ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
128KXM6R3MLQ ILLINOISCAPACITOR-128KXM6R3MLQ Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
128KXM6R3MLQ ILLINOISCAPACITOR-128KXM6R3MLQ Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
128KXM6R3MLQ ILLINOISCAPACITOR-128KXM6R3MLQ Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
128KXM6R3MLQ ILLINOISCAPACITOR-128KXM6R3MLQ Datasheet
138Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 128KXM6R3MLQ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com