Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

228CKR050M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 228CKR050M
Description  85째C General Purpose Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

228CKR050M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  228CKR050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 228CKR050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 228CKR050M Datasheet HTML 3Page - Illinois Capacitor, Inc. 228CKR050M Datasheet HTML 4Page - Illinois Capacitor, Inc. 228CKR050M Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
41
®
CKR/CKS
+ 85°C General
Purpose Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
WVDC
Maximum
ESR
120Hz,+20°C
33
400
336CKS400M
10.048
200
16x25
33
450
336CKS450MQV
10.048
180
16x25
33
450
336CKS450M
10.048
220
16x31.5
47
35
476CKS035M
4.233
130
5x11
47
50
476CKR050M
3.527
150
6.3x11
47
63
476CKS063M
3.527
170
6.3x11
47
63
476CKR063M
3.527
180
8x11.5
47
100
476CKS100M
2.822
230
10x12.5
47
100
476CKR100M
2.822
240
10x16
47
100
476CKR100MJM
2.822
200
8x11.5
47
160
476CKS160MLU
5.291
210
10x21
47
160
476CKS160M
5.291
220
12.5x20
47
200
476CKS200M
5.291
240
12.5x20
47
250
476CKS250MNU
5.291
270
12.5x20
47
250
476CKS250M
5.291
280
12.5x25
47
250
476CKR250M
5.291
260
16x25
47
350
476CKS350M
7.055
230
16x25
47
400
476CKS400MQV
7.055
280
16x25
47
400
476CKR400M
7.055
270
16x31.5
47
450
476CKS450MQW
7.055
220
16x31.5
47
450
476CKS450M
7.055
290
18x35.5
68
25
686CKR025M
3.413
170
6.3x11
68
50
686CKR050M
2.438
200
8x11.5
68
63
686CKR063M
1.950
215
10x12.5
68
100
686CKR100M
1.950
282
10x16
100
16
107CKS016M
2.653
160
5x11
100
25
107CKS025MEM
2.321
180
5x11
100
35
107CKS035M
1.989
210
6.3x11
100
50
107CKR050M
1.658
255
8x11.5
100
63
107CKR063M
1.658
296
10x12.5
100
63
107CKS063MJM
1.658
280
8x11.5
100
100
107CKS100MLQ
1.326
340
10x16
100
100
107CKS100M
1.326
370
10x20
100
100
107CKR100M
1.326
440
12.5x20
100
160
107CKS160M
2.487
350
12.5x25
100
200
107CKS200M
2.487
360
16x25
100
250
107CKS250MQV
2.487
440
16x25
100
250
107CKS250M
2.487
440
16x31.5
100
350
107CKS350M
3.316
420
18x35.5
100
400
107CKS400M
3.316
440
18x35.5
100
450
107CKS450M
3.316
280
18x40
150
10
157CKR010M
2.210
188
6.3x11
150
25
157CKR025M
1.547
258
8x11.5
150
35
157CKR035M
1.326
291
10x12.5
150
50
157CKR050M
1.105
330
10x16
150
100
157CKR100M
0.884
425
12.5x20
220
10
227CKS010M
1.507
240
5x11
220
10
227CKR010M
1.507
250
6.3x11
220
16
227CKS016M
1.206
260
6.3x11
220
25
227CKS025MGM
1.055
280
6.3x11
220
25
227CKR025M
1.055
340
8x11.5
220
35
227CKR035M
0.904
390
10x12.5
220
35
227CKS035M
0.904
385
8x11.5
220
50
227CKS050M
0.754
430
10x12.5
220
50
227CKR050M
0.754
470
10x16
220
63
227CKS063M
0.754
490
10x16
220
63
227CKR063M
0.754
530
10x20
220
100
227CKS100MNU
0.603
550
12.5x20
220
100
227CKS100M
0.603
680
12.5x25
220
100
227CKR100M
0.603
690
16x25
220
160
227CKS160MQW
1.130
580
16x31.5
220
160
227CKS160M
1.130
580
16x35.5
220
200
227CKS200M
1.130
700
16x35.5
220
250
227CKS250M
1.130
680
18x35.5
330
10
337CKS010M
1.005
290
6.3x11
330
16
337CKS016MGM
0.804
320
6.3x11
330
25
337CKS025M
0.703
440
8x11.5
330
35
337CKS035M
0.603
490
10x12.5
330
50
337CKS050M
0.502
585
10x16
330
50
337CKR050M
0.502
650
10x20
330
63
337CKS063M
0.502
710
10x20
330
100
337CKS100M
0.402
840
12.5x25
330
100
337CKR100M
0.402
840
16x25
330
160
337CKS160M
0.754
800
18x35.5
330
200
337CKS200M
0.754
950
18x40
470
10
477CKS010M
0.705
370
6.3x11
470
16
477CKS016M
0.564
470
8x11.5
470
25
477CKS025M
0.494
545
10x12.5
470
35
477CKS035M
0.423
645
10x16
470
50
477CKS050M
0.353
755
10x20
470
50
477CKR050M
0.353
850
12.5x20
470
63
477CKS063M
0.353
900
12.5x20
470
63
477CKR063M
0.353
930
12.5x25
470
100
477CKS100M
0.282
1010
16x25
470
100
477CKR100M
0.282
1120
16x31.5
470
160
477CKS160M
0.529
1200
18x42
PLEASE NOTE: The CKR and CKS Series have been merged. CHECK PART NUMBERS CAREFULLY.


Similar Part No. - 228CKR050M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
228CKR025M ETC2-228CKR025M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
228CKR025M ILLINOISCAPACITOR-228CKR025M Datasheet
293Kb / 3P
   Standard 2000 hour
228CKR025M ILLINOISCAPACITOR-228CKR025M Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
228CKR025M ILLINOISCAPACITOR-228CKR025M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
228CKR025M ILLINOISCAPACITOR-228CKR025M Datasheet
108Kb / 1P
   Radial Lead General Purpose
More results

Similar Description - 228CKR050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com