Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

397KXM063MQU Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 397KXM063MQU
Description  105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397KXM063MQU Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  397KXM063MQU Datasheet HTML 1Page - Illinois Capacitor, Inc. 397KXM063MQU Datasheet HTML 2Page - Illinois Capacitor, Inc. 397KXM063MQU Datasheet HTML 3Page - Illinois Capacitor, Inc. 397KXM063MQU Datasheet HTML 4Page - Illinois Capacitor, Inc. 397KXM063MQU Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
71
®
D x L (mm)
KXM
PHYSICAL DIMENSIONS
+105°C Low
Impedance Radial
Aluminum Electrolytic
Capacitors
6.3
10
16
25
35
50
63
100
(7.9)
(13)
(20)
(32)
(44)
(63)
(79)
(125)
0.47
5x11
0.68
5x11
1
5x11
1.5
5x11
2.2
5x11
3.3
5x11
4.7
5x11
6.3x11
6.8
6.3x11
10
5x11
5x11
6.3x11
12
5x11
6.3x11
15
6.3x11
6.3x15
18
6.3x11
6.3x15
22
5x11
6.3x11
8x11.5
27
6.3x11
10x12.5
8x15
33
5x11
6.3x11
6.3x15
10x12.5
8x15
39
6.3x15
10x15
8x20
47
5x11
6.3x11
8x11.5
10x20
12.5x15
56
5x11
6.3x11
6.3x11
10x12.5
10x20
8x15
12.5x15
68
5x11
6.3x11
8x11.5
10x12.5
10x25
8x15
12.5x15
82
10x15
10x31.5
8x20
16x15
100
5x11
6.3x11
8x11.5
10x20
10x31.5
12.5x15
16x15
120
6.3x11
8x15
10x20
12.5x25
12.5x15
16x15
150
5x11
8x11.5
10x12.5
10x25
12.5x25
12.5x15
18x15
180
8x20
10x31.5
12.5x31.5
16x15
16x20
220
6.3x11
8x11.5
10x12.5
10x16
12.5x20
12.5x35.5
8x15
16x15
16x25
270
8x20
10x20
12.5x25
12.5x40
18x15
18x20
330
6.3x11
8x11.5
10x12.5
10x16
10x25
12.5x25
16x31.5
8x15
18x15
18x25
390
12.5x31.5
16x35.5
16x20
18x31.5
470
8x11.5
10x12.5
10x16
10x20
12.5x20
12.5x35.5
16x40
8x15
8x20
16x25
18x35.5
560
8x11.5
10x25
12.5x25
12.5x40
18x35.5
18x20
680
10x12.5
10x16
10x20
12.5x20
12.5x31.5
16x31.5
18x40
8x15
8x20
18x25
820
8x15
10x25
12.5x35.5
16x35.5
18x31.5
1000
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
16x40
8x20
18x35.5
1200
10x16
10x20
10x25
12.5x20
12.5x31.5
16x31.5
18x40
8x20
1500
10x20
10x25
12.5x20
12.5x25
12.5x35.5
16x35.5
16x25
1800
12.5x31.5
16x25
2200
10x25
12.5x20
12.5x25
12.5x35.5
16x31.5
18x35.5
16x25
2700
12.5x31.5
16x25
3300
12.5x20
12.5x25
12.5x35.5
16x31.5
18x35.5
18x40
16x25
3900
12.5x25
12.5x31.5
16x25
4700
12.5x31.5
12.5x35.5
16x31.5
18x35.5
16x25
5600
12.5x35.5
16x25
6800
16x25
16x31.5
18x35.5
10000
16x31.5
18x35.5
18x40
15000
18x35.5
18x40
WVDC
(SV)
(µF)


Similar Part No. - 397KXM063MQU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397KXM063MQU ILLINOISCAPACITOR-397KXM063MQU Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
397KXM063MQU ILLINOISCAPACITOR-397KXM063MQU Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
397KXM063MQU ILLINOISCAPACITOR-397KXM063MQU Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
397KXM063MQU ILLINOISCAPACITOR-397KXM063MQU Datasheet
112Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 397KXM063MQU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com