Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

397LBB350M2DF Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 397LBB350M2DF
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397LBB350M2DF Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  397LBB350M2DF Datasheet HTML 1Page - Illinois Capacitor, Inc. 397LBB350M2DF Datasheet HTML 2Page - Illinois Capacitor, Inc. 397LBB350M2DF Datasheet HTML 3Page - Illinois Capacitor, Inc. 397LBB350M2DF Datasheet HTML 4Page - Illinois Capacitor, Inc. 397LBB350M2DF Datasheet HTML 5Page - Illinois Capacitor, Inc. 397LBB350M2DF Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
120
®
WVDC
(SV)
µF
16
25
35
50
63
80
100
160
200
250
350
400
450
(20)
(32)
(44)
(63)
(79)
(100)
(125)
(200)
(250)
(300)
(400)
(450)
(500)
1200
22x30 25x45 30x40
35x40
25x25 30x35 35x35
35x30
1500
22x25 22x30 22x35 30x40
35x40 35x50
25x25 25x30 35x35
1800
30x25 30x45
35x45
22x40 35x35
25x35
30x30
2200
22x25 22x30 22x40 22x50 35x45
35x50
25x25 25x30 25x40
30x25 30x30
35x25
3300
22x25
22x30 22x35 22x50 25x50
25x25 25x30 25x40 30x40
30x25 30x30 35x30
35x25
4700
22x25
22x30
22x35 22x45 25x50 30x50
25x25
25x30 25x35 30x40 35x40
30x25 30x30 35x30
35x25
6800
22x25
22x30
22x35
22x50 25x50 30x50 35x50
25x25
25x30
25x40 30x35 35x40
30x25
30x30 35x30
35x25
10000
22x25
22x35
22x45
25x50 30x45
25x25
25x30
25x35
30x35 35x40
30x25
30x30
35x30
35x25
15000
22x35
22x45
25x50
30x50 35x50
25x30
25x35
30x35
35x40
30x25
30x30
35x30
35x25
22000
22x50
25x45
30x45
25x40
30x35
35x40
30x30
35x30
35x25
33000
30x40
30x50
35x50
35x30
35x40
47000
30x50
35x40
DxL(mm)
Convert to inches, divide by 25.4.
4.0
±1.0
10.0
Cathode
L
Case Vent
Insulator
P.V.C. Sleeve
10.0
±0.1
2.0
± 0.1
P.C. Mounting
Specifications
D1
D1=D+1.0 mm Max.
L1=L + 2.0 mm Max.
S1=10 ± .1mm
L1
3 and 4 pin mounting styles available on special order. Contact I.C. for details
LBB
+ 85°C 3000 hour
Snap-Mount Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS


Similar Part No. - 397LBB350M2DF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397LBB350M2DF ILLINOISCAPACITOR-397LBB350M2DF Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
397LBB350M2DF ILLINOISCAPACITOR-397LBB350M2DF Datasheet
348Kb / 5P
   Extended Life, 3000 hours
397LBB350M2DF ILLINOISCAPACITOR-397LBB350M2DF Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
397LBB350M2DF ILLINOISCAPACITOR-397LBB350M2DF Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
397LBB350M2DF ILLINOISCAPACITOR-397LBB350M2DF Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 397LBB350M2DF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com