Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227CKH050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227CKH050M
Description  105째C General Purpose Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227CKH050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227CKH050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227CKH050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227CKH050M Datasheet HTML 3Page - Illinois Capacitor, Inc. 227CKH050M Datasheet HTML 4Page - Illinois Capacitor, Inc. 227CKH050M Datasheet HTML 5Page - Illinois Capacitor, Inc. 227CKH050M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
53
®
Leakage Current
Operating Temperature Range
2 minutes
Load Life
I Lead Free Leads
I In Stock
SPECIFICATIONS
FEATURES
Capacitance Tolerance
±20% at 120Hz, 20°C
Time
Shelf Life
.03 CV or 4 µA,
whichever is greater
0.03CV + 40µA
1,000 hours at 105°C with no voltage applied.
-55°C to 105°C (6.3 to 100WVDC)
-40°C to +105°C (160 to 400WVDC)
-25°C to +105°C (450WVDC)
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Surge
Voltage
SVDC
WVDC
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
4
3
2
2
2
2
2
23
33
6
6
15
10
8
6
4
3
3
3
3
4
4
4
10
10
-
WVDC
6.3 to 100 WVDC
160 to 450 WVDC
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30%
Ammo Pack
Cut, Formed, Cut and Formed Leads
Epoxy end sealed
Mylar sleeve
+105°C General
Purpose Aluminum
Electrolytic Capacitors
I Standardized Case Sizes
I Multiple Case Styles
Ripple Current Multipliers
Frequency (Hz)
C
≤10
10<C
≤100
100<C
≤1000
50
120
400
1K
10K
100K
0.8
0.8
0.8
1.0
1.0
1.0
1.3
1.23
1.16
1.45
1.36
1.25
1.65
1.48
1.35
1.7
1.53
1.38
C>1000
0.8
1.0
1.11
1.17
1.25
1.28
Temperature (°C)
+105
1.0
+85
1.4
1.0
1.0
1.0
1.4
1.4
1.4
1.75
1.75
1.75
Capacitance (µF)
CKE/
CKH
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
.24
.20
.17
.15
.12
.1
.1
.08
.15
.15
.15
.2
.2
.2
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
Capacitance change
Dissipation factor
Leakage current
Capacitance change
Dissipation factor
Leakage current
≤ 20% of initial measured value
≤ 200% of initial specified value
≤ 100% of initial specified value
≤ 20% of initial measured value
≤20% of initial specified value
<100% initial specified value
2,000 hours at 105°C with rated WVDC
1 minute
2 minutes
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
.01 CV or 3 µA,
whichever is greater
≤60
1.75
(See pages 33 thru 37)


Similar Part No. - 227CKH050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227CKH050M ILLINOISCAPACITOR-227CKH050M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
227CKH050M ILLINOISCAPACITOR-227CKH050M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
227CKH050M ILLINOISCAPACITOR-227CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
227CKH050M ILLINOISCAPACITOR-227CKH050M Datasheet
135Kb / 1P
   Radial Lead General Purpose
More results

Similar Description - 227CKH050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
   105째C ALUMINUM ELECTROLYTIC
logo
Illinois Capacitor, Inc...
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com