Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477FXM010M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 477FXM010M
Description  105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477FXM010M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  477FXM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 477FXM010M Datasheet HTML 2Page - Illinois Capacitor, Inc. 477FXM010M Datasheet HTML 3Page - Illinois Capacitor, Inc. 477FXM010M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
62
®
FXM
<None>
STANDARD PART LISTING
Capacitance
(µF)
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
Capacitance
(µF)
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
Dimensions
DxL
(mm)
470
35
477FXM035M
0.494
420
12.5x12.5
470
50
477FXM050M
0.423
540
16x15
470
63
477FXM063M
0.353
600
18x15
470
100
477FXM100M
0.282
770
18x25
1000
6.3
108FXM6R3M
0.464
370
10x9
1000
10
108FXM010M
0.398
450
10x12.5
1000
16
108FXM016M
0.332
520
12.5x12.5
1000
25
108FXM025M
0.265
590
12.5x15
1000
35
108FXM035M
0.232
720
16x15
1000
50
108FXM050M
0.199
830
18x20
1000
63
108FXM063M
0.166
1000
18x25
2200
6.3
228FXM6R3M
0.241
635
12.5x15
2200
10
228FXM010M
0.211
690
12.5x15
2200
16
228FXM016M
0.181
830
16x15
2200
25
228FXM025M
0.151
970
18x15
2200
35
228FXM035M
0.136
1110
18x20
3300
6.3
338FXM6R3M
0.171
860
16x15
3300
10
338FXM010M
0.151
940
16x15
3300
16
338FXM016M
0.131
1050
18x15
3300
25
338FXM025M
0.111
1220
18x20
4700
6.3
478FXM6R3M
0.127
1010
16x15
4700
10
478FXM010M
0.113
1120
18x15
4700
16
478FXM016M
0.099
1260
18x20
4700
25
478FXM025M
0.085
1470
18x25
6800
6.3
688FXM6R3M
0.098
1200
18x15
6800
10
688FXM010M
0.088
1330
18x20
6800
16
688FXM016M
0.078
1560
18x25
10000
6.3
109FXM6R3M
0.076
1450
18x20
10000
10
109FXM010M
0.070
1700
18x25
+105°C Radial Low
Profile Aluminum
Electrolytic Capacitors


Similar Part No. - 477FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477FXM010M ILLINOISCAPACITOR-477FXM010M Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
477FXM010M ILLINOISCAPACITOR-477FXM010M Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
477FXM010M ILLINOISCAPACITOR-477FXM010M Datasheet
110Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 477FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com