Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477FXM010M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 477FXM010M
Description  105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477FXM010M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  477FXM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 477FXM010M Datasheet HTML 2Page - Illinois Capacitor, Inc. 477FXM010M Datasheet HTML 3Page - Illinois Capacitor, Inc. 477FXM010M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
59
®
Temperature (°C)
I Low Profile
I Extended Life
I Voltage Range: 6.3 WVDC to 400 WVDC
I Capacitance Range: 0.1 µF to 10,000 µF
FEATURES
FXM
+105°C Low Profile
Radial Lead
Aluminum Electrolytic
Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
SPECIAL ORDER OPTIONS
±20% at 120Hz, 25°C
For all general purpose applications
6.3
.28
10
.24
16
.20
25
.16
35
.14
50
.12
63
.1
100
.08
160
.2
200
.2
250
.2
400
.25
Dissipation Factor
120Hz, 20
tan
δ
WVDC
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)
Leakage Current
Shelf Life
1,000 hours at +105°C with no voltage applied.
Units will meet load life specifications
Load Life
1000 hours at +105°C with rated WVDC
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
WVDC
Time
WVDC
1 minute
≤ 100 WVDC
≤ 20% of initial measured value
≤ 200% of initial specified value
≤100% of specified value
Capacitance change
Dissipation factor
Leakage current
Frequency (Hz)
C
≤47
47<C
≤470
C>470
10
≤C≤150
50
120
300
1K
10K
.75
.8
.85
.8
1.0
1.0
1.0
1.0
1.35
1.23
1.10
1.25
1.57
1.34
1.13
1.40
2.0
1.5
1.15
1.6
1.0
1.4
1.75
+105
1.0
+85
1.4
+60
1.75
Capacitance
(µF)
WVDC
1.0
1.0
1.4
1.4
1.75
1.75
Ripple Current Multipliers
6.3
5
10
4
16
3
25
2
35
2
50
2
63
2
100
2
160
4
200
4
250
4
400
4
10
8643333
15
15
15
10
≤ 100 WVDC
≥ 160 WVDC
2 minutes
1 minute
.03 CV or 4µA
whichever is greater
.01 CV or 3µA
whichever is greater
.04 CV + 100µA
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
-55°C to + 105°C
-40°C to + 105°C
6.3 to 100
6.3 to 100
6.3 to 100
160 to 400


Similar Part No. - 477FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477FXM010M ILLINOISCAPACITOR-477FXM010M Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
477FXM010M ILLINOISCAPACITOR-477FXM010M Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
477FXM010M ILLINOISCAPACITOR-477FXM010M Datasheet
110Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 477FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com