Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477KBM050M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 477KBM050M
Description  10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477KBM050M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  477KBM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 477KBM050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 477KBM050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
3
®
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
0.47
50
474KBM050M 352.916 5.658/16.973
25
5x11
0.47
100
474KBM100M 282.333 5.301/15.902
26
5x11
150
105KBM050M
165.87
3.989/11.966
36
5x11
1
100
105KBM100M 132.696 3.737/11.211
37
5x11
2.2
50
225KBM050M 75.3957 2.417/7.252
55
5x11
2.2
100
225KBM100M 60.3165 2.265/6.794
55
5x11
3.3
50
335KBM050M 50.2638 2.014/6.043
65
5x11
3.3
100
335KBM100M
40.211
1.887/5.662
65
5x11
4.7
50
475KBM050M 35.2916 1.697/5.092
80
5x11
4.7
100
475KBM100M 28.2333
1.59/4.771
80
5x11
10
50
106KBM050M
16.587
1.33/3.989
110
5x11
10
63
106KBM063M 14.9283 1.246/3.737
120
5x11
10
100
106KBM100M 13.2696 1.246/3.737
130
6.3x11
22
50
226KBM050M 7.53957 0.725/2.176
140
5x11
22
63
226KBM063M 6.78561 0.679/2.038
180
6.3x11
22
100
226KBM100M 6.03165 0.679/2.038
190
8x11.5
33
35
336KBM035M 6.03165 0.635/1.905
160
5x11
33
50
336KBM050M 5.02638 0.564/1.692
200
6.3x11
33
63
336KBM063M 4.52374 0.528/1.585
250
8x11.5
33
100
336KBM100M
4.0211
0.317/0.951
270
10x12.5
47
25
476KBM025M 4.94082 0.539/1.616
170
5x11
47
50
476KBM050M 3.52916 0.453/1.358
230
6.3x11
47
63
476KBM063M 3.17624 0.424/1.272
280
8x11.5
47
100
476KBM100M 2.82333 0.254/0.763
350
10x16
100
10
107KBM010M 3.15154 0.482/1.446
210
5x11
100
25
107KBM025M 2.32219 0.348/1.045
280
6.3x11
100
35
107KBM035M 1.99045 0.329/0.988
370
8x11.5
100
50
107KBM050M
1.6587
0.292/0.877
420
8x14
100
63
107KBM063M 1.49283 0.192/0.575
530
10x16
100
100
107KBM100M 1.32696 0.164/0.493
640
12.5x20
220
10
227KBM010M 1.43252 0.249/0.747
350
6.3x11
220
25
227KBM025M 1.05554
0.18/0.54
480
8x11.5
220
35
227KBM035M 0.90475 0.128/0.383
640
10x12.5
220
50
227KBM050M 0.75396
0.113/0.34
760
10x16
220
63
227KBM063M 0.67856 0.099/0.297
960
10x25
220
100
227KBM100M 0.60317 0.085/0.255
1200
16x25
330
6.3
337KBM6R3M
1.1058
0.246/0.737
410
6.3x11
330
16
337KBM016M 0.80422 0.152/0.455
520
8x11.5
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Impedance
+20°C/-10°C
100kHz
Dimensions
DxL
(mm)
KBM
10,000 Hour
Radial Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
330
25
337KBM025M
0.7037
0.108/0.324
700
10x12.5
330
35
337KBM035M
0.6032
0.102/0.306
870
10x16
330
50
337KBM050M
0.5026
0.091/0.272
1020
10x20
330
63
337KBM063M
0.4524
0.079/0.238
1210
12.5x20
330
100
337KBM100M
0.4021
0.068/0.204
1470
16x25
470
10
477KBM010M
0.6705
0.138/0.415
560
8x11.5
470
16
477KBM016M
0.5647
0.093/0.279
690
10x12.5
470
25
477KBM025M
0.4941
0.088/0.265
860
10x16
470
35
477KBM035M
0.4235
0.084/0.251
1070
10x20
470
50
477KBM050M
0.3529
0.074/0.223
1290
12.5x20
470
63
477KBM063M
0.3176
0.065/0.195
1480
12.5x25
1000
6.3
108KBM6R3M
0.3649
0.066/0.199
920
10x12.5
1000
10
108KBM010M
0.3152
0.063/0.189
1070
10x16
1000
16
108KBM016M
0.2654
0.06/0.18
1230
10x20
1000
25
108KBM025M
0.2322
0.057/0.171
1580
12.5x20
1000
35
108KBM035M
0.1990
0.054/0.162
1940
12.5x25
1000
50
108KBM050M
0.1659
0.048/0.144
2390
16x25
1000
63
108KBM063M
0.1493
0.042/0.126
2900
16x35.5
2200
10
228KBM010M
0.1734
0.036/0.108
1720
12.5x20
2200
16
228KBM016M
0.1508
0.034/0.103
1960
12.5x25
2200
25
228KBM025M
0.1357
0.032/0.097
2540
16x25
2200
35
228KBM035M
0.1206
0.031/0.092
3070
16x31.5
2200
50
228KBM050M
0.1056
0.027/0.082
3650
18x35.5
3300
6.3
338KBM6R3M
0.1307
0.032/0.095
1910
12.5x20
3300
10
338KBM010M
0.1257
0.03/0.09
2170
12.5x25
3300
16
338KBM016M
0.1106
0.029/0.086
2570
16x25
3300
25
338KBM025M
0.1005
0.027/0.081
3180
16x31.5
3300
35
338KBM035M
0.0905
0.026/0.077
3870
18x35.5
4700
10
478KBM010M
0.0953
0.025/0.076
2730
16x25
4700
16
478KBM016M
0.0847
0.024/0.073
3100
16x31.5
4700
25
478KBM025M
0.0776
0.023/0.069
3880
18x35.5
6800
6.3
688KBM6R3M
0.0732
0.024/0.071
2920
16x25
6800
10
688KBM010M
0.0756
0.023/0.068
3300
16x31.5
6800
16
688KBM016M
0.0683
0.022/0.065
3800
18x35.5
10000
6.3
109KBM6R3M
0.0663
0.021/0.064
3450
16x31.5
10000
10
109KBM010M
0.0614
0.02/0.061
3940
18x35.5
15000
6.3
159KBM6R3M
0.0553
0.02/0.061
4130
18x35.5
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Impedance
+20°C/-10°C
100kHz
Dimensions
DxL
(mm)


Similar Part No. - 477KBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477KBM050M ILLINOISCAPACITOR-477KBM050M Datasheet
280Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
477KBM050M ILLINOISCAPACITOR-477KBM050M Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
477KBM050M ILLINOISCAPACITOR-477KBM050M Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
477KBM050M ILLINOISCAPACITOR-477KBM050M Datasheet
134Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 477KBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com