Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

336LCA025M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 336LCA025M
Description   85째C Low Leakage Current Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

336LCA025M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  336LCA025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 336LCA025M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
LCA
+85°C Low Leakage
Current Aluminum
Electrolytic Capacitors
STANDARD PARTS LISTING
WVDC
(SV)
(µF)
DxL (mm)
DIMENSIONS
4
5
6.3
5.4
5.4
5.4
4.3
5.3
6.6
4.3
5.3
6.6
5.0
6.0
7.3
1.0
1.5
2.1
0.5~0.8
0.5~0.8
0.5~0.8
D+0.5 MAX
L±0.1, ±0.2
W±0.2
H±0.3
C±0.3
R
P±0.2
0.3 MAX
W
L
R
(+)
PHYSICAL DIMENSIONS
(mm)
Capacitance
(µF)
Maximum
E.S.R.
120Hz,
+20°C
Maximum
RMS Ripple
Current (mA)
at 120 Hz,
+85°C
Dimensions
DxL
(mm)
WVDC
PART
NUMBER
Capacitance
(µF)
Maximum
E.S.R.
120Hz,
+20°C
Maximum
RMS Ripple
Current (mA)
at 120 Hz,
+85°C
Dimensions
DxL
(mm)
WVDC
PART
NUMBER
6.3
10
16
25
35
50
(8)
(13)
(20)
(32)
(44)
(63)
0.1
4x5.4
0.22
4x5.4
0.33
4x5.4
0.47
4x5.4
1
4x5.4
2.2
4x5.4
3.3
4x5.4
4.7
4x5.4
5x5.4
10
4x5.4
5x5.4
6.3x5.4
22
4x5.4
5x5.4
6.3x5.4
33
4x5.4
5x5.4
47
5x5.4
6.3x5.4
100
6.3x5.4
0.1
50
104LCA050M
1657.864
1
4x5.4
0.22
50
224LCA050M
753.575
2.3
4x5.4
0.33
50
334LCA050M
502.383
3.5
4x5.4
0.47
50
474LCA050M
352.737
5
4x5.4
1
50
105LCA050M
165.786
10
4x5.4
2.2
50
225LCA050M
75.357
15
4x5.4
3.3
50
335LCA050M
50.238
18
4x5.4
4.7
35
475LCA035M
42.328
20
4x5.4
4.7
50
475LCA050M
35.274
23
5x5.4
10
16
106LCA016M
26.526
25
4x5.4
10
35
106LCA035M
19.894
30
5x5.4
10
50
106LCA050M
16.579
34
6.3x5.4
22
6.3
226LCA6R3M
18.086
31
4x5.4
22
16
226LCA016M
12.057
39
5x5.4
22
35
226LCA035M
9.043
54
6.3x5.4
33
10
336LCA010M
10.048
43
5x5.4
33
25
336LCA025M
7.033
63
6.3x5.4
47
6.3
476LCA6R3M
8.466
47
5x5.4
47
16
476LCA016M
5.644
68
6.3x5.4
100
10
107LCA010M
3.316
76
6.3x5.4


Similar Part No. - 336LCA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
336LC5500K5PM8 ILLINOISCAPACITOR-336LC5500K5PM8 Datasheet
1Mb / 5P
   High AC Voltage - High current
More results

Similar Description - 336LCA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
logo
Illinois Capacitor, Inc...
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
013RLC VISHAY-013RLC Datasheet
99Kb / 7P
   Aluminum Capacitors Radial Low Leakage Current
Revision: 20-Jun-08
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M_13 Datasheet
231Kb / 2P
   85C Low Leakage Height Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
SA0R1M1HSA040070 RFE-SA0R1M1HSA040070 Datasheet
84Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SA Series: Radial, Miniature, Low Leakage Current, 105C
logo
Illinois Capacitor, Inc...
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com