Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686KFM450M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 686KFM450M
Description  105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686KFM450M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  686KFM450M Datasheet HTML 1Page - Illinois Capacitor, Inc. 686KFM450M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
KFM
PHYSICAL DIMENSIONS
10,000 Hour
Radial Lead Aluminum
Electrolytic Capacitors
D x L (mm)
160
200
250
350
400
450
(200)
(250)
(300)
(400)
(450)
(500)
6.8
10x16
10x20
10
10x16
10x20
12.5x20
22
10x20
12.5x20
12.5x20
12.5x25
16x25
16x20
18x20
33
10x20
12.5x20
16x20
16x25
16x31.5
18x20
18x25
47
12.5x20
12.5x25
16x25
16x31.5
18x31.5
16x20
18x20
18x25
68
12.5x25
16x25
16x31.5
18x31.5
18x35.5
16x20
18x20
18x25
100
16x25
16x31.5
18x20
18x25
150
16x31.5
18x31.5
18x25
220
16x31.5
18x31.5
18x25
WVDC
(SV)
(µF)
STANDARD PART LISTING
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
6.8
400
685KFM400M
58.513
220
10x16
6.8
450
685KFM450M
58.513
150
10x20
10
200
106KFM200M
24.868
250
10x16
10
400
106KFM400M
39.789
280
10x20
10
450
106KFM450M
39.789
320
12.5x20
22
200
226KFM200M
11.304
500
10x20
22
250
226KFM250M
11.304
600
12.5x20
22
350
226KFM350M
18.086
350
12.5x20
22
400
226KFM400M
18.086
430
12.5x25
22
400 226KFM400MQU 18.086
430
16x20
22
450
226KFM450M
18.086
560
16x25
22
450 226KFM450MRU 18.086
560
18x20
33
160
336KFM160M
7.5357
500
10x20
33
250
336KFM250M
7.5357
600
12.5x20
33
350
336KFM350M
12.057
500
16x20
33
400
336KFM400M
12.057
640
16x25
33
400 336KFM400MRU 12.057
640
18x20
33
450
336KFM450M
12.057
700
16x31.5
33
450 336KFM450MRV 12.057
700
18x25
47
200
476KFM200M
5.2911
660
12.5x20
47
250
476KFM250M
5.2911
720
12.5x25
47
250 476KFM250MQU 5.2911
720
16x20
47
350
476KFM350M
8.4657
660
16x25
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Dimensions
DxL
(mm)
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Dimensions
DxL
(mm)
47
350 476KFM350MRU 8.4657
660
18x20
47
400
476KFM400M
8.466
840
16x31.5
47
400 476KFM400MRV
8.466
840
18x25
47
450
476KFM450M
8.466
880
18x31.5
68
200
686KFM200M
3.657
760
12.5x25
68
200 686KFM200MQU
3.657
760
16x20
68
250
686KFM250M
3.657
920
16x25
68
250 686KFM250MRU
3.657
920
18x20
68
350
686KFM350M
5.851
850
16x31.5
68
350 686KFM350MRV
5.851
850
18x25
68
400
686KFM400M
5.851
1000
18x31.5
68
450
686KFM450M
5.851
1150
18x35.5
100
200
107KFM200M
2.487
1120
16x25
100
200 107KFM200MRU
2.487
1120
18x20
100
250
107KFM250M
2.487
1200
16x31.5
100
250 107KFM250MRV
2.487
1200
18x25
150
200
157KFM200M
1.658
1360
16x31.5
150
200 157KFM200MRV
1.658
1360
18x25
150
250
157KFM250M
1.658
1500
18x31.5
220
160
227KFM160M
1.130
1400
16x31.5
220
160 227KFM160MRV
1.130
1400
18x25
220
200
227KFM200M
1.130
1700
18x31.5
Convert to inches, divide by 25.4


Similar Part No. - 686KFM450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686KFM450M ILLINOISCAPACITOR-686KFM450M Datasheet
222Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
686KFM450M ILLINOISCAPACITOR-686KFM450M Datasheet
207Kb / 4P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
686KFM450M ILLINOISCAPACITOR-686KFM450M Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
686KFM450M ILLINOISCAPACITOR-686KFM450M Datasheet
133Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 686KFM450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KBM050M ILLINOISCAPACITOR-474KBM050M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com