Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBH-155 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # QBH-155
Description  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

QBH-155 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  QBH-155 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-155
Specifications
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 125 ºC
Storage Temperature ............................... -65ºC to + 150 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 17 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 15.0 dB Typical
!
!
!
!
! High Power: +22 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 300 MHz
5 - 300 MHz
Power
Vdc
+15
+15
mA
93
95
Max.
Noise Figure (dB)
6.2
6.5 Max.
VSWR
In
1.5:1
1.5:1 Max.
Out
1.5:1
1.5:1 Max.
Reverse Isolation (dB)
-26
-26 Min.
Gain (dB)
15.0
Gain Flatness
0.4
0.6 Max.
Output Intercept point
3rd Order
+37
+36 Min.
2nd Order
+50
+48 Min.
Gain vs. Temperature
+0.4/-0.5 Max.
1 dB Compression (dBm)
+22
+21 Min.
± 0.5
Typical Performance Data
Note: Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
7/14/05
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
5
9
20
40
70
90
110
150
300
-24.6
-31.3
-33.4
-29.5
-25.5
-23.6
-22.2
-20.0
-15.5
-101.6
-89.9
-51.5
-58.0
-76.4
-87.0
-96.1
-112.2
-171.1
15.2
15.3
15.3
15.3
15.3
15.3
15.3
15.3
15.2
-167.1
-175.0
176.4
167.1
155.1
147.5
139.9
125.1
69.7
-43.4
-43.5
-43.2
-42.3
-40.2
-38.8
-37.3
-35.2
-29.7
20.8
18.4
20.6
26.7
39.0
39.0
38.0
34.1
4.8
-24.3
-27.1
-29.0
-27.8
-25.0
-23.5
-22.2
-20.2
-18.4
118.8
107.5
88.8
72.1
56.7
48.5
40.8
25.6
-29.1
===================================================================
Available as: QBH-155, 4 Pin TO-8 (T4)
QBH-9-155, Connectorized Housing (ES E52-1501)
12
16
15
13
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
14
17
-70
-20
-40
-60
-50
-30
-10
10
100
1000
MHz
10
100
1000
MHz
20
25
23
21
22
24
10
100
1000
MHz
1.8
1.4
1.2
1.6
2.0
10
100
1000
MHz
40
38
36
37
41
39
10
100
1000
MHz
4.5
6.5
5.0
7.0
6.0
Noise Figure (dB)
10
100
1000
MHz
Input
Output
5.5
1.0
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QBH-155

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-155 APITECH-QBH-155 Datasheet
67Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - QBH-155

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com