Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

276KXM100M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 276KXM100M
Description  105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

276KXM100M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  276KXM100M Datasheet HTML 1Page - Illinois Capacitor, Inc. 276KXM100M Datasheet HTML 2Page - Illinois Capacitor, Inc. 276KXM100M Datasheet HTML 3Page - Illinois Capacitor, Inc. 276KXM100M Datasheet HTML 4Page - Illinois Capacitor, Inc. 276KXM100M Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
73
®
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
Dimensions
DxL
(mm)
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
Dimensions
DxL
(mm)
Impedance
+20°C/-10°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Impedance
+20°C/-10°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
KXM
STANDARD PART LISTING
+105°C Low
Impedance Radial
Aluminum Electrolytic
Capacitors
270
63
277KXM063M
0.491
0.056/0.112
1350
12.5x25
270
63
277KXM063MRP
0.491
0.06/0.12
1300
18x15
270
100
277KXM100M
0.491
0.074/0.2
1110
12.5x40
270
100 277KXM100MRU
0.491
0.082/0.221
1225
18x20
330
6.3
337KXM6R3M
1.105
0.13/0.41
405
6.3x11
330
16
337KXM016M
0.804
0.072/0.22
760
8x11.5
330
25
337KXM025MLN
0.703
0.108/0.27
700
10x12.5
330
25
337KXM025M
0.703
0.056/0.17
995
8x15
330
35
337KXM035M
0.603
0.038/0.12
1430
10x16
330
50
337KXM050M
0.502
0.028/0.085
1870
10x25
330
63
337KXM063M
0.402
0.05/0.1
1425
12.5x25
330
63
337KXM063MRP
0.402
0.051/0.102
1400
18x15
330
100
337KXM100M
0.402
0.065/0.176
1520
16x31.5
330
100 337KXM100MRV
0.402
0.072/0.194
1425
18x25
390
63
397KXM063M
0.340
0.044/0.088
1625
12.5x31.5
390
63
397KXM063MQU
0.340
0.047/0.094
1500
16x20
390
100
397KXM100M
0.340
0.055/0.149
1725
16x35.5
390
100 397KXM100MRW
0.340
0.063/0.17
1600
18x31.5
470
10
477KXM010M
0.670
0.072/0.22
760
8x11.5
470
16
477KXM016MLN
0.564
0.093/0.233
660
10x12.5
470
16
477KXM016M
0.564
0.056/0.17
995
8x15
470
25
477KXM025MLQ
0.494
0.088/0.221
920
10x16
470
25
477KXM025M
0.494
0.041/0.13
1250
8x20
470
35
477KXM035M
0.423
0.023/0.069
1820
10x20
470
50
477KXM050M
0.353
0.027/0.068
2050
12.5x20
470
63
477KXM063M
0.282
0.04/0.08
1785
12.5x35.5
470
63
477KXM063MQV
0.282
0.042/0.084
1700
16x25
470
100
477KXM100M
0.282
0.049/0.132
1920
16x40
470
100 477KXM100MRY
0.282
0.056/0.157
1775
18x35.5
560
6.3
567KXM6R3M
0.651
0.072/0.22
760
8x11.5
560
35
567KXM035M
0.355
0.022/0.066
2150
10x25
560
50
567KXM050M
0.296
0.023/0.059
2410
12.5x25
560
63
567KXM063M
0.237
0.036/0.072
1950
12.5x40
560
63
567KXM063MRU
0.237
0.04/0.08
1725
18x20
560
100
567KXM100M
0.237
0.043/0.116
2050
18x35.5
680
10
687KXM010MLN
0.463
0.077/0.194
760
10x12.5
680
10
687KXM010M
0.463
0.056/0.17
995
8x15
680
16
687KXM016MLQ
0.390
0.074/0.184
880
10x16
680
16
687KXM016M
0.390
0.041/0.13
1250
8x20
680
25
687KXM025M
0.341
0.023/0.069
1820
10x20
680
35
687KXM035M
0.293
0.021/0.053
2360
12.5x20
680
50
687KXM050M
0.244
0.021/0.052
2860
12.5x31.5
680
63
687KXM063M
0.195
0.033/0.066
2050
16x31.5
680
63
687KXM063MRV
0.195
0.036/0.072
1950
18x25
680
100
687KXM100M
0.195
0.038/0.103
2300
18x40
820
6.3
827KXM6R3M
0.445
0.056/0.17
995
8x15
820
25
827KXM025M
0.283
0.022/0.066
2150
10x25
820
50
827KXM050M
0.202
0.019/0.051
3960
12.5x35.5
820
63
827KXM063M
0.162
0.03/0.06
2225
16x35.5
820
63
827KXM063MRW
0.162
0.032/0.064
2100
18x31.5
1000
6.3
108KXM6R3M
0.365
0.053/0.16
1030
10x12.5
1000
10
108KXM010MLQ
0.315
0.063/0.158
1030
10x16
1000
10
108KXM010M
0.315
0.041/0.13
1250
8x20
1000
16
108KXM016M
0.265
0.023/0.069
1820
10x20
1000
25
108KXM025M
0.199
0.021/0.053
2360
12.5x20
1000
35
108KXM035M
0.199
0.018/0.045
2770
12.5x25
1000
50
108KXM050M
0.166
0.021/0.056
3010
16x25
1000
63
108KXM063M
0.133
0.028/0.056
2375
16x40
1000
63
108KXM063MRY
0.133
0.03/0.06
2280
18x35.5
1200
6.3
128KXM6R3MLQ
0.332
0.058/0.144
1090
10x16
1200
6.3
128KXM6R3M
0.332
0.041/0.13
1250
8x20
1200
10
128KXM010M
0.290
0.023/0.069
1820
10x20
1200
16
128KXM016M
0.249
0.022/0.066
2150
10x25
1200
25
128KXM025M
0.221
0.05/0.124
1730
12.5x20
1200
35
128KXM035M
0.193
0.016/0.041
3290
12.5x31.5
1200
50
128KXM050M
0.138
0.042/0.083
2710
16x31.5
1200
63
128KXM063M
0.138
0.026/0.052
2500
18x40
1500
6.3
158KXM6R3M
0.265
0.023/0.069
1820
10x20
1500
10
158KXM010M
0.232
0.022/0.066
2150
10x25
1500
16
158KXM016M
0.199
0.021/0.053
2360
12.5x20
1500
25
158KXM025M
0.177
0.018/0.045
2770
12.5x25
1500
35
158KXM035M
0.155
0.015/0.039
3400
12.5x35.5
1500
35
158KXM035MQV
0.155
0.04/0.079
2250
16x25
1500
50
158KXM050M
0.133
0.035/0.071
3010
16x35.5
1800
25
188KXM025M
0.147
0.016/0.041
3290
12.5x31.5
1800
35
188KXM035M
0.129
0.016/0.043
3460
16x25
2200
6.3
228KXM6R3M
0.196
0.022/0.066
2150
10x25
2200
10
228KXM010M
0.173
0.021/0.053
2360
12.5x20
2200
16
228KXM016M
0.151
0.018/0.045
2770
12.5x25
2200
25
228KXM025M
0.136
0.015/0.039
3400
12.5x35.5
2200
25
228KXM025MQV
0.136
0.032/0.065
2390
16x25
2200
35
228KXM035M
0.121
0.031/0.077
2880
16x31.5
2200
50
228KXM050M
0.106
0.027/0.055
3690
18x35.5
2700
16
278KXM016M
0.123
0.016/0.041
3290
12.5x31.5
2700
25
278KXM025M
0.111
0.016/0.043
3460
16x25
3300
6.3
338KXM6R3M
0.141
0.021/0.053
2360
12.5x20


Similar Part No. - 276KXM100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
276KXM100M ILLINOISCAPACITOR-276KXM100M Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
276KXM100M ILLINOISCAPACITOR-276KXM100M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
276KXM100M ILLINOISCAPACITOR-276KXM100M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
276KXM100M ILLINOISCAPACITOR-276KXM100M Datasheet
111Kb / 1P
   Radial Lead High Frequency / Low Impedance
276KXM100MJP ILLINOISCAPACITOR-276KXM100MJP Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 276KXM100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com