Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

105FPF102K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 105FPF102K
Description  Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

105FPF102K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  105FPF102K Datasheet HTML 1Page - Illinois Capacitor, Inc. 105FPF102K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
179
®
FPF
Oval Leaded
Polypropylene Film with
Aluminum Foil
Electrodes
PHYSICAL DIMENSIONS
µF
WVDC
(VAC)
Convert to inches, divide by 25.4
LxHxT (mm)
0.015
34x15.5x8.5
0.022
34x18x10
0.033
34x14x8
34x16x9.2
34x18x10
0.047
34x16x9
34x17x10
46x19x12
0.068
34x18x11
34x19x12
46x21x14
0.1
34x19x13
34x20x14
34x21x15
46x24x15
0.15
34x16x10
34x16x9.5
34x21x16
46x23x14
46x24x15
46x27x18
0.22
34x18x12
34x18x12
34x19x12.5
34x25x18
46x27x16
54x27x18
0.33
34x20x14
34x20x14
46x20.5x13.5
46x26x17
54x27x18
54x36x19
0.47
34x27x17
34x27x17
46x25.5x19.5 46x28.5x21.5
54x35x22
0.68
46x27x19
46x27x19
46x29x20.5
46x34x23.5
1
46x33x22
46x33x22
54x36x26
1.2
54x28x18
54x28x18
54x32x22
1.5
54x36x22
54x36x21
850
(450)
1000
(500)
1200
(500)
1600
(630)
2000
(630)
2500
(750)
3000
(750)
STANDARD PARTS LISTING
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
LxHxT
(mm)
0.015
3000 153FPF302K 1500
3
35
34x15.5x8.5
0.022
3000 223FPF302K 1500
4.2
22
34x18x10
0.033
2000 333FPF202K 1200
4.8
19
34x14x8
0.033
2500 333FPF252K 1300
4.8
19
34x16x9.2
0.033
3000 333FPF302K 1500
6.1
12
34x18x12
0.047
2000 473FPF202K 1200
6.7
10
34x16x9
0.047
2500 473FPF252K 1300
6.5
10
34x17x10
0.047
3000 473FPF302K 1200
6.8
12
46x19x12
0.068
2000 683FPF202K 1200
7.9
8
34x18x11
0.068
2500 683FPF252K 1300
8.6
8
34x19x12
0.068
3000 683FPF302K 1200
7.9
10
46x21x14
0.1
1600 104FPF162K 1100
9
7
34x19x13
0.1
2000 104FPF202K 1200
9.5
6
34x20x14
0.1
2500 104FPF252K 1300
9.8
6
34x21x15
0.1
3000 104FPF302K 1200
9.3
8
46x24x15
0.15
850
154FPF850K
800
7.4
6
34x16x10
0.15
1200 154FPF122K 1000
9
6
34x16x9.5
0.15
1600 154FPF162K 1100
10
7
34x21x16
0.15
2000 154FPF202K
950
10
6
46x23x14
0.15
2500 154FPF252K 1050
10.9
6
46x24x15
0.15
3000 154FPF302K 1200
12
6
46x27x18
0.22
850
224FPF850K
800
8
6
34x18x12
0.22
1000 224FPF102K
800
8
6
34x18x12
0.22
1200 224FPF122K 1000
10.2
6
34x19x12.5
0.22
1600 224FPF162K 1100
12
7
34x25x18
Typical
ESR
@100 kHz,
+25°C in m
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
LxHxT
(mm)
0.22
2000 224FPF202K
950
11
6
46x27x16
0.22
2500 224FPF252K
950
11.2
6
54x27x18
0.33
850
334FPF850K
800
9.4
5
34x20x14
0.33
1000 334FPF102K
800
9.4
5
34x20x14
0.33
1200 334FPF122K
800
10.8
6
46x20.5x13.5
0.33
1600 334FPF162K
900
12
6
46x26x17
0.33
2000 334FPF202K
850
12.8
5
54x27x18
0.33
2500 334FPF252K
950
13.5
5
54x36x19
0.47
850
474FPF850K
800
11.7
5
34x27x17
0.47
1000 474FPF102K
800
11.7
5
34x27x17
0.47
1200 474FPF122K
800
11.7
5
46x25.5x19.5
0.47
1600 474FPF162K
900
13.8
6
46x28.5x21.5
0.47
2000 474FPF202K
850
15
5
54x35x22
0.68
850
684FPF850K
500
14.4
4
46x27x19
0.68
1000 684FPF102K
500
14.4
4
46x27x19
0.68
1200 684FPF122K
800
13.6
5
46x29x20.5
0.68
1600 684FPF162K
900
14.5
6
46x34x23.5
1
850
105FPF850K
500
13.8
3
46x33x22
1
1000 105FPF102K
500
13.8
3
46x33x22
1
1200 105FPF122K
700
16.2
4
54x36x26
1.2
850
125FPF850K
400
16.7
3
54x28x18
1.2
1000 125FPF102K
400
16.7
3
54x28x18
1.2
1200 125FPF122K
700
16.8
3
54x32x22
1.5
850
155FPF850K
400
20.3
2
54x36x22
1.5
1000 155FPF102K
400
20.3
2
54x36x22
Typical
ESR
@100 kHz,
+25°C in m
*Customized capacitors available upon request. Contact Illinois Capacitor Inc. for details.


Similar Part No. - 105FPF102K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105FPA122K ILLINOISCAPACITOR-105FPA122K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
105FPA850K ILLINOISCAPACITOR-105FPA850K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
105FPL102KB3 ILLINOISCAPACITOR-105FPL102KB3 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
105FPL102KB5 ILLINOISCAPACITOR-105FPL102KB5 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
105FPL122KB3 ILLINOISCAPACITOR-105FPL122KB3 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
More results

Similar Description - 105FPF102K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
102FPB102K ILLINOISCAPACITOR-102FPB102K Datasheet
369Kb / 2P
   Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com