Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337HST035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337HST035M
Description  125째C Axial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337HST035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337HST035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337HST035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337HST035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
D
8.0
10.0
12.5
16.0
d
0.6
0.6
0.8
0.8
B
0.5
0.5
0.5
0.5
HST
+ 125°C Axial Lead
Aluminum Electrolytic
Capacitors
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
PVC SLEEVE
d
D1
35.0 MIN
35.0 MIN
WVDC
(SV)
L1
DxL (mm)
D1=D+B Max.
L1= L+2 Max.
NOTE: Case Vent is standard on all
diameter
≥8.0mm
L
+
10
16
25
35
50
63
(13)
(20)
(32)
(44)
(63)
(79)
1
8x16
2.2
8x16
3.3
-
8x16
4.7
8x16
10
8x16
22
8x16
33
8x16
47
8x16
8x20
100
8x16
8x20
10x21
220
8x16
8x20
10x21
10x26
12.5x26
330
8x20
10x21
10x26
12.5x26
12.5x31
470
8x20
10x21
10x26
12.5x26
12.5x31
16x31
1000
10x26
12.5x26
12.5x31
16x31
16x41
2200
12.5x31
16x31
16x41
3300
16x31
16x41
4700
16x41
µF
LEAD INFORMATION VS. CASE DIAMETER


Similar Part No. - 337HST035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337HSM016M ILLINOISCAPACITOR-337HSM016M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
337HSM016M ILLINOISCAPACITOR-337HSM016M Datasheet
516Kb / 3P
   125C Standard Radial Lead Aluminum Electrolytic Capacitors
337HSM016M ILLINOISCAPACITOR-337HSM016M Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
337HSM016M ILLINOISCAPACITOR-337HSM016M Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
337HSM025M ILLINOISCAPACITOR-337HSM025M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 337HST035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105HSM050M ILLINOISCAPACITOR-105HSM050M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
106UCA050M ILLINOISCAPACITOR-106UCA050M Datasheet
411Kb / 2P
   125째C Surface Mount Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41691 TDK-B41691 Datasheet
429Kb / 17P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41696 TDK-B41696 Datasheet
420Kb / 17P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41689 TDK-B41689 Datasheet
402Kb / 19P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41690 TDK-B41690 Datasheet
450Kb / 18P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41695 TDK-B41695 Datasheet
459Kb / 18P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41693 TDK-B41693 Datasheet
443Kb / 1P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com